Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPDV1240RG Datasheet (PDF) - STMicroelectronics

TPDV1240RG Datasheet PDF - STMicroelectronics
Part # TPDV1240RG
Download  TPDV1240RG Download
File Size   70.27 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A high voltage Triacs

TPDV1240RG Datasheet (PDF)

Go To PDF Page Download Datasheet
TPDV1240RG Datasheet PDF - STMicroelectronics

Part # TPDV1240RG
Download  TPDV1240RG Click to download

File Size   70.27 Kbytes
Page   7 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 40 A high voltage Triacs

TPDV1240RG Datasheet (HTML) - STMicroelectronics


TPDV1240RG Product details

Description
The TPDVxx40 series use a high performance alternistor technology.
Featuring very high commutation levels and high surge current capability, this family is well adapted to power control on inductive load (motor, transformer...)

Features
■ On-state current (IT(RMS)): 40 A
■ Max. blocking voltage (VDRM/VRRM): 1200 V
■ Gate current (IGT): 200 mA
■ Commutation @ 10 V/µs: up to 142 A/ms
■ Noise immunity: 500 V/µs
■ insulated package:
   – 2,500 V rms (UL recognized: E81734).




Similar Part No. - TPDV1240RG

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TPDV1240RG ISC-TPDV1240RG Datasheet
221Kb / 1P
isc Triacs
logo
STMicroelectronics
TPDV1240RG STMICROELECTRONICS-TPDV1240RG Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results


Similar Description - TPDV1240RG

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
2N5441 ETC1-2N5441 Datasheet
248Kb / 5P
40-A Silicon Triacs
logo
STMicroelectronics
BTA40 STMICROELECTRONICS-BTA40_09 Datasheet
108Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-700B STMICROELECTRONICS-BTA40-700B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
TPDVXX25 STMICROELECTRONICS-TPDVXX25 Datasheet
82Kb / 7P
25 A high voltage Triacs
13-Jan-2012
BTA40-400B STMICROELECTRONICS-BTA40-400B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
BTA40-800B STMICROELECTRONICS-BTA40-800B Datasheet
106Kb / 9P
40 A standard TRIACs
10-Aug-2009
TXDV1212RG STMICROELECTRONICS-TXDV1212RG Datasheet
93Kb / 7P
12 A high voltage Triacs
13-Jan-2012
logo
New Jersey Semi-Conduct...
T6420B NJSEMI-T6420B Datasheet
99Kb / 2P
40-A Silicon Triacs
2N5441 NJSEMI-2N5441 Datasheet
99Kb / 2P
40-A Silicon Triacs
logo
STMicroelectronics
TPDVXX40 STMICROELECTRONICS-TPDVXX40 Datasheet
199Kb / 8P
40 A high voltage Triacs
10-Jun-2015
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com