Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10044366-101LF Datasheet (PDF) - FCI connector

10044366-101LF Datasheet PDF - FCI connector
Part # 10044366-101LF
Download  10044366-101LF Download
File Size   126.44 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 10.8mm R/A GUIDE PIN 4/5 PAIR

10044366-101LF Datasheet (PDF)

Go To PDF Page Download Datasheet
10044366-101LF Datasheet PDF - FCI connector

Part # 10044366-101LF
Download  10044366-101LF Click to download

File Size   126.44 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 10.8mm R/A GUIDE PIN 4/5 PAIR

10044366-101LF Datasheet (HTML) - FCI connector




Similar Part No. - 10044366-101LF

ManufacturerPart #DatasheetDescription
logo
FCI connector
10044314-101LF FCI-CONNECTOR-10044314-101LF Datasheet
124Kb / 2P
7.2mm R/A GUIDE PIN 4/5 PAIR
More results


Similar Description - 10044366-101LF

ManufacturerPart #DatasheetDescription
logo
SUYIN USA, INC.
020149MR SUYIN-USA-020149MR Datasheet
121Kb / 1P
USB B TYPE 4 PIN 2X2 R/A
127012MR048G200ZU SUYIN-USA-127012MR048G200ZU Datasheet
57Kb / 1P
1.27mm Pin Header R/A Type
logo
Molex Electronics Ltd.
0752341508 MOLEX9-0752341508 Datasheet
200Kb / 2P
GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
0752342508 MOLEX9-0752342508 Datasheet
200Kb / 2P
GbX 2-Pair Free Backplane Free Standing Guide Pin Kit
logo
FCI connector
10044314-101LF FCI-CONNECTOR-10044314-101LF Datasheet
124Kb / 2P
7.2mm R/A GUIDE PIN 4/5 PAIR
logo
Amphenol Corporation
942-4000-00A AMPHENOL-942-4000-00A Datasheet
566Kb / 3P
STANDALONE, GUIDE PIN, 3.68 mm xCede 3,4,5,6, PAIR BACKPLANE
logo
FCI connector
10045588 FCI-CONNECTOR-10045588 Datasheet
124Kb / 2P
7.2mm R/A GUIDE BALDE
10045367-101LF FCI-CONNECTOR-10045367-101LF Datasheet
123Kb / 2P
7.2MM R/A GUIDE SOCKET
logo
Molex Electronics Ltd.
0769903022 MOLEX11-0769903022 Datasheet
50Kb / 2P
Impact 100 Ohm 5 Pair Right Angle Orthogonal Daughtercard, Left Guide
logo
TE Connectivity Ltd
C-2110118 TEC-C-2110118 Datasheet
513Kb / 1P
IMPACT, STD, R/A, 5 PAIR, 14 COLUMN, DAUGHTERCARD, UNGUIDED SIGNAL MODULE, 0.39 EYELET
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com