Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

10045588 Datasheet (PDF) - FCI connector

10045588 Datasheet PDF - FCI connector
Part # 10045588
Download  10045588 Download
File Size   124.64 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 7.2mm R/A GUIDE BALDE

10045588 Datasheet (PDF)

Go To PDF Page Download Datasheet
10045588 Datasheet PDF - FCI connector

Part # 10045588
Download  10045588 Click to download

File Size   124.64 Kbytes
Page   2 Pages
Manufacturer  FCI-CONNECTOR [FCI connector]
Direct Link  http://www.fciconnect.com
Logo FCI-CONNECTOR - FCI connector
Description 7.2mm R/A GUIDE BALDE

10045588 Datasheet (HTML) - FCI connector




Similar Part No. - 10045588

ManufacturerPart #DatasheetDescription
logo
Heyco.
10045 HEYCO-10045 Datasheet
111Kb / 1P
Nylon PCB Supports - Imperial Spacing
logo
FCI connector
10045103 FCI-CONNECTOR-10045103 Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001C-TRLF FCI-CONNECTOR-10045103-001C-TRLF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001CLF FCI-CONNECTOR-10045103-001CLF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
10045103-001LF FCI-CONNECTOR-10045103-001LF Datasheet
207Kb / 2P
S-ATA COMB RECEP. VERTICAL SMT TYPE ASSY
More results


Similar Description - 10045588

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
135104-01-06.00 AMPHENOL-135104-01-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG316
135104-02-06.00 AMPHENOL-135104-02-06.00 Datasheet
41Kb / 1P
SMA R/A PLUG TO SMA R/A PLUG RG174
logo
FCI connector
10044366-101LF FCI-CONNECTOR-10044366-101LF Datasheet
126Kb / 2P
10.8mm R/A GUIDE PIN 4/5 PAIR
10044314-101LF FCI-CONNECTOR-10044314-101LF Datasheet
124Kb / 2P
7.2mm R/A GUIDE PIN 4/5 PAIR
10045367-101LF FCI-CONNECTOR-10045367-101LF Datasheet
123Kb / 2P
7.2MM R/A GUIDE SOCKET
10037909-101LF FCI-CONNECTOR-10037909-101LF Datasheet
123Kb / 2P
7.2mm GUIDE MODULE, RIGHT ANGLE
logo
Rosenberger Hochfrequen...
SLJ14SP-53R64R-X-00 ROSENBERGER-SLJ14SP-53R64R-X-00 Datasheet
540Kb / 2P
N R/A MALE / 4.3-10 R/A MALE
SLJ14SP-53R53R-X-00 ROSENBERGER-SLJ14SP-53R53R-X-00 Datasheet
540Kb / 2P
N R/A MALE / N R/A MALE
logo
C&K Components
RTF CK-COMPONENTS-RTF Datasheet
470Kb / 4P
7.2mm x 7.2mm Low Profile Rotary DIP Switches
8 Nov 21
logo
Panasonic Semiconductor
1075950 PANASONIC-1075950 Datasheet
167Kb / 6P
Slim (7.2mm .283inch), 1 Form A 5A power relay
More results




About FCI connector


FCI connector is a type of electrical connector produced by FCI (Framatome Connectors International), a manufacturer of connectors and interconnect systems for a variety of industries, including telecommunications, consumer electronics, automotive, industrial, and aerospace.

FCI connectors are designed to provide a reliable and secure electrical connection between two devices or components. They come in a wide range of sizes and configurations to accommodate different applications and requirements, and they are commonly used in printed circuit boards (PCBs), backplanes, and other electronic systems.

Some of the key features of FCI connectors include their durability, high speed and signal integrity, low profile, and ease of installation. They are also designed to withstand harsh environments, such as high temperatures and vibrations.

FCI offers a broad portfolio of connectors, including board-to-board connectors, wire-to-board connectors, input/output (I/O) connectors, and power connectors. The company also provides a range of engineering and design services to help customers develop custom connectors and interconnect solutions for their specific needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com