Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

93LC76SN Datasheet (PDF) - Microchip Technology

93LC76SN Datasheet PDF - Microchip Technology
Part # 93LC76SN
Download  93LC76SN Download
File Size   224.24 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 2.5V Microwire Serial EEPROM

93LC76SN Datasheet (PDF)

Go To PDF Page Download Datasheet
93LC76SN Datasheet PDF - Microchip Technology

Part # 93LC76SN
Download  93LC76SN Click to download

File Size   224.24 Kbytes
Page   22 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description 8K/16K 2.5V Microwire Serial EEPROM

93LC76SN Datasheet (HTML) - Microchip Technology


93LC76SN Product details

Description:

The Microchip Technology Inc. 93LC76/86 are 8K and 16K low voltage serial Electrically Erasable PROMs. The device memory is configured as x8 or x16 bits depending on the ORG pin setup. Advanced CMOS technology makes these devices ideal for low power nonvolatile memory applications. These devices also have a Program Enable (PE) pin to allow the user to write-protect the entire contents of the memory array. The 93LC76/86 is available in standard 8-pin PDIP and 8-pin surface mount SOIC packages.



Features:

• Single supply with programming operation down to 2.5V

• Low-power CMOS technology

   - 1 mA active current typical

   - 5 µA standby current (typical) at 3.0V

• ORG pin selectable memory configuration

   1024 x 8 or 512 x 16 bit organization (93LC76)

   2048 x 8 or 1024 x 16 bit organization (93LC86)

• Self-timed erase and write cycles (including auto-erase)

• Automatic ERAL before WRAL

• Power on/off data protection circuitry

• Industry standard 3-wire serial I/O

• Device status signal during erase/write cycles

• Sequential read function

• 1,000,000 erase/write cycles ensured

• Data retention > 200 years

• 8-pin PDIP/SOIC package

• Temperature ranges available

   - Commercial (C) 0°C to +70°C

   - Industrial (I) -40°C to +85°C



 




Similar Part No. - 93LC76SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
93LC76 MICROCHIP-93LC76 Datasheet
240Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
05/28/04
logo
SYC Electronica
93LC76 SYC-93LC76 Datasheet
180Kb / 9P
8K/16K 2.5V Microwire® Serial EEPROM
logo
Microchip Technology
93LC76-/P MICROCHIP-93LC76-/P Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
More results


Similar Description - 93LC76SN

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
93AA76 MICROCHIP-93AA76 Datasheet
86Kb / 12P
8K/16K 1.8V Microwire Serial EEPROM
1996
93C76 MICROCHIP-93C76 Datasheet
84Kb / 12P
8K/16K 5.0V Microwire Serial EEPROM
1996
93LC76 MICROCHIP-93LC76 Datasheet
86Kb / 12P
8K/16K 2.5V Microwire Serial EEPROM
1996
93AA76 MICROCHIP-93AA76_04 Datasheet
306Kb / 22P
8K/16K 1.8V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_04 Datasheet
328Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2004
93C76 MICROCHIP-93C76_04 Datasheet
268Kb / 20P
8K/16K 5.0V Microwire Serial EEPROM
2004
93LC76 MICROCHIP-93LC76_10 Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
2010
93LC86P MICROCHIP-93LC86P Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
950211BFLF MICROCHIP-950211BFLF Datasheet
224Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
01/05/10
93LC86 MICROCHIP-93LC86 Datasheet
240Kb / 22P
8K/16K 2.5V Microwire Serial EEPROM
05/28/04
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com