Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC653AAVUA Datasheet (PDF) - Microchip Technology

TC653AAVUA Datasheet PDF - Microchip Technology
Part # TC653AAVUA
Download  TC653AAVUA Download
File Size   450.99 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated Temperature Sensor & Brushless DC Fan Controller

TC653AAVUA Datasheet (PDF)

Go To PDF Page Download Datasheet
TC653AAVUA Datasheet PDF - Microchip Technology

Part # TC653AAVUA
Download  TC653AAVUA Click to download

File Size   450.99 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated Temperature Sensor & Brushless DC Fan Controller

TC653AAVUA Datasheet (HTML) - Microchip Technology


TC653AAVUA Product details

General Description
The TC652/TC653 are integrated temperature sensors and brushless DC fan speed controllers with FanSense™ technology. The TC652/TC653 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applications in modern electronic equipment. The FanSense™ Fan Fault detect circuitry eliminates the need for a more expensive 3-wire fan.
Temperature data is converted from the on-chip thermal sensing element and translated into a fractional fan speed from 40% to 100%. A temperature selection guide in the data sheet is used to choose the low and high temperature limits to control the fan. The TC652/TC653 also include a single trip point over temperature alert (TOVER) that eliminates the need for additional temperature sensors. In addition, the TC653 includes an auto fan shutdown function for additional power savings.
The TC652/TC653 are easy to use, require no software overhead and are therefore the ideal choice for implementing thermal management in a variety of systems.

Features
• Integrated Temperature Sensing and Multi-speed Fan Control
• FanSense™ Fan Fault Detect Circuitry
• Built-in Over-Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
   Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost
   and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC653 includes Auto Fan Shutdown
• Low Operating Current: 50µA (Typical)

Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
• Projectors




Similar Part No. - TC653AAVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC653 MICROCHIP-TC653 Datasheet
443Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
TC653 MICROCHIP-TC653 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
More results


Similar Description - TC653AAVUA

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
TC652 MICROCHIP-TC652 Datasheet
443Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
2002
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
logo
Analog Devices
ADT7470 AD-ADT7470_13 Datasheet
580Kb / 40P
Temperature Sensor Hub and Fan Controller
Rev. E
logo
Microchip Technology
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
Copal Electronics
F17FA COPAL-F17FA Datasheet
68Kb / 2P
BRUSHLESS DC FAN
logo
List of Unclassifed Man...
PMD1212PTB1-A ETC-PMD1212PTB1-A Datasheet
552Kb / 9P
DC BRUSHLESS FAN
KD1206PTS1 ETC1-KD1206PTS1 Datasheet
935Kb / 6P
DC BRUSHLESS FAN
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com