Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC653 Datasheet (PDF) - Microchip Technology

TC653 Datasheet PDF - Microchip Technology
Part # TC653
Download  TC653 Download
File Size   443.95 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature

TC653 Datasheet (PDF)

Go To PDF Page Download Datasheet
TC653 Datasheet PDF - Microchip Technology

Part # TC653
Download  TC653 Click to download

File Size   443.95 Kbytes
Page   14 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature

TC653 Datasheet (HTML) - Microchip Technology


TC653 Product details

General Description
The TC652/TC653 are integrated temperature sensors and brushless DC fan speed controllers with FanSense™ technology. The TC652/TC653 measure their junction temperature and control the speed of the fan based on that temperature, making them especially suited for applications in modern electronic equipment. The FanSense™ Fan Fault detect circuitry eliminates the need for a more expensive 3-wire fan.
Temperature data is converted from the on-chip thermal sensing element and translated into a fractional fan speed from 40% to 100%. A temperature selection guide in the data sheet is used to choose the low and high temperature limits to control the fan. The TC652/TC653 also include a single trip point over temperature alert (TOVER) that eliminates the need for additional temperature sensors. In addition, the TC653 includes an auto fan shutdown function for additional power savings.
The TC652/TC653 are easy to use, require no software overhead and are therefore the ideal choice for implementing thermal management in a variety of systems.

Features
• Integrated Temperature Sensing and Multi-speed Fan Control
• FanSense™ Fan Fault Detect Circuitry
• Built-in Over-Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
   Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost
   and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC653 includes Auto Fan Shutdown
• Low Operating Current: 50µA (Typical)

Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
• Projectors




Similar Part No. - TC653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC653 MICROCHIP-TC653 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
More results


Similar Description - TC653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
logo
Maxim Integrated Produc...
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com