Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC653 Datasheet(PDF) 1 Page - Microchip Technology

Part # TC653
Description  Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC653 Datasheet(HTML) 1 Page - Microchip Technology

  TC653 Datasheet HTML 1Page - Microchip Technology TC653 Datasheet HTML 2Page - Microchip Technology TC653 Datasheet HTML 3Page - Microchip Technology TC653 Datasheet HTML 4Page - Microchip Technology TC653 Datasheet HTML 5Page - Microchip Technology TC653 Datasheet HTML 6Page - Microchip Technology TC653 Datasheet HTML 7Page - Microchip Technology TC653 Datasheet HTML 8Page - Microchip Technology TC653 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
© 2002 Microchip Technology Inc.
DS21453B-page 1
TC652/TC653
Features
• Integrated Temperature Sensing and Multi-speed
Fan Control
• FanSense™ Fan Fault Detect Circuitry
• Built-in Over-Temperature Alert (TOVER)
• Temperature Proportional Fan Speed Control for
Acoustic Noise Reduction and Longer Fan Life
• Pulse Width Modulation Output Drive for Cost
and Power Savings
• Solid-State Temperature Sensing
• ±1°C (Typical) Accuracy from 25°C to +70°C
• 2.8V – 5.5V Operating Range
• TC653 includes Auto Fan Shutdown
• Low Operating Current: 50
µA(Typical)
Applications
• Thermal Protection For Personal Computers
• Digital Set-Top Boxes
• Notebook Computers
• Data Communications
• Power Supplies
•Projectors
Related Literature
• Application Note: AN771
Device Selection Table
The "X" denotes a suffix for temperature threshold settings.
Contact factory for other temperature ranges.
Package Type
General Description
The TC652/TC653 are integrated temperature sensors
and
brushless
DC
fan
speed
controllers
with
FanSense™ technology. The TC652/TC653 measure
their junction temperature and control the speed of the
fan based on that temperature, making them especially
suited for applications in modern electronic equipment.
The FanSense™ Fan Fault detect circuitry eliminates
the need for a more expensive 3-wire fan.
Temperature data is converted from the on-chip
thermal sensing element
and
translated
into
a
fractional fan speed from 40% to 100%. A temperature
selection guide in the data sheet is used to choose the
low and high temperature limits to control the fan. The
TC652/TC653 also include a single trip point over
temperature alert (TOVER) that eliminates the need for
additional temperature sensors. In addition, the TC653
includes an auto fan shutdown function for additional
power savings.
The TC652/TC653 are easy to use, require no software
overhead and are therefore the ideal choice for
implementing thermal management in a variety of
systems.
Part Number
Package
Temperature Range
TC652XXVUA
8-Pin MSOP
-40
°Cto +125°C
TC653XXVUA
8-Pin MSOP
-40
°Cto +125°C
XTemperature
A25
B30
C35
D40
E45
F50
G55
1
8
2
7
3
6
4
5
FAULT
VDD
MSOP
GND
PWM
TOVER
SENSE
GND
TC652
TC653
SHDN
Integrated Temperature Sensor & Brushless DC Fan
Controller with FanSense™ Detect & Over-Temperature


Similar Part No. - TC653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC653 MICROCHIP-TC653 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog & Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
2Mb / 44P
Analog and Interface Product Selector Guide
11/29/11
TC653 MICROCHIP-TC653 Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
logo
SHENZHEN FUMAN ELECTRON...
TC6532 FUMAN-TC6532 Datasheet
1Mb / 9P
High precision CC/CV primary side controller
More results

Similar Description - TC653

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC642 MICROCHIP-TC642 Datasheet
485Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
2002
TC651 MICROCHIP-TC651 Datasheet
440Kb / 14P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Over-Temperature Alert
2002
logo
Maxim Integrated Produc...
MAX6670 MAXIM-MAX6670 Datasheet
217Kb / 8P
Remote Temperature Switches with Integrated Fan Controller/Driver
Rev 2; 11/02
logo
List of Unclassifed Man...
ASC7512 ETC2-ASC7512 Datasheet
343Kb / 35P
DIGITAL TEMPERATURE SENSOR WITH INTEGRATED FAN CONTROL
logo
STMicroelectronics
TC650 STMICROELECTRONICS-TC650_04 Datasheet
210Kb / 16P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
Oct-2003
logo
Microchip Technology
TC642 MICROCHIP-TC642_13 Datasheet
400Kb / 28P
PWM Fan Speed Controller with FanSense??Technology
11/29/12
TC650 MICROCHIP-TC650_13 Datasheet
262Kb / 18P
Tiny Integrated Temperature Sensor & Brushless DC Fan Controller with Overtemperature Alert
11/29/12
TC652 MICROCHIP-TC652_13 Datasheet
215Kb / 16P
Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense??Detect & Over-Temperature
11/29/12
TC652AGVUA MICROCHIP-TC652AGVUA Datasheet
450Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan Controller
04/20/02
TC652AEVUATR MICROCHIP-TC652AEVUATR Datasheet
431Kb / 14P
Integrated Temperature Sensor & Brushless DC Fan
04/20/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com