Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC653 Datasheet(PDF) 8 Page - Microchip Technology

Part # TC653
Description  Integrated Temperature Sensor & Brushless DC Fan Controller with FanSense?줔etect & Over-Temperature
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC653 Datasheet(HTML) 8 Page - Microchip Technology

Back Button TC653 Datasheet HTML 4Page - Microchip Technology TC653 Datasheet HTML 5Page - Microchip Technology TC653 Datasheet HTML 6Page - Microchip Technology TC653 Datasheet HTML 7Page - Microchip Technology TC653 Datasheet HTML 8Page - Microchip Technology TC653 Datasheet HTML 9Page - Microchip Technology TC653 Datasheet HTML 10Page - Microchip Technology TC653 Datasheet HTML 11Page - Microchip Technology TC653 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
TC652/TC653
DS21453B-page 8
© 2002 Microchip Technology Inc.
5.0
TYPICAL CHARACTERISTICS
The graphs and tables provided following this note are a statistical summary based on a limited number of samples
and are provided for informational purposes only. The performance characteristics listed herein are not tested or
guaranteed. In some graphs or tables, the data presented may be outside the specified operating range (e.g., outside
specified power supply range) and therefore outside the warranted range.
90
80
70
60
50
40
30
20
10
0
-50
0
0
24
6
8
10 12 14 16 18 20
25
-25
50
75 100 125 150
TEMPERATURE (˚C)
IDD vs. Temperature
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TL
T1
T2
T3
T4
TH
TTHRESHOLD
Temp Accuracy vs. VTH
ISOURCE (mA)
PWM, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
VDD = 2.7V
VDD = 5.6V
VDD = 5.6V
VDD = 2.7V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0
12
3
4
5
6
7
8
910
ISINK (mA)
PWM, ISINK vs. VOL, TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
50
100
150
200
250
300
350
400
450
500
ISOURCE (mA)
TOVER, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
12
3
4
5
6
7
8
910
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
ISOURCE (mA)
FAULT, ISOURCE vs. (VDD - VOH), TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
12
3
4
5
6
7
8
910
0
12
3
4
5
6
7
8
910
1.0 1.5 2.0 2.5 3.0 3.5 4.0
5.0
4.5
0.5
5.0
5.0
5.0
0.0
0.0
0.0
ISINK (mA)
500msec/Div
FAULT, ISINK vs. VOL, TA = 25˚C
VDD = 2.8V
VDD = 5.5V
0
50
100
150
200
250
300
350
400
450
500
TC652/3, Fan is Running
SHDN is Connected to VDD, TA = 25˚C
Start-Up Time
0
VDD
PWM
FAULT
23
4
5
6
78
10
9
1
5.0
5.0
5.0
0.0
0.0
0.0
1sec/Div
TC653, Fan is Not Running
SHDN is Connected to VDD, TA = 25˚C
0
VDD
PWM
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com