Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCNR200 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCNR200 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCNR200
Download  HCNR200 Download
File Size   238.03 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High-Linearity Analog Optocouplers

HCNR200 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCNR200 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCNR200
Download  HCNR200 Click to download

File Size   238.03 Kbytes
Page   19 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High-Linearity Analog Optocouplers

HCNR200 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCNR200 Product details

Description
The HCNR200/201 high-linearity analog optocoupler consists of a high-performance AlGaAs LED that illuminates two closely matched photodiodes. The input photodiode can be used to monitor, and therefore stabilize, the light output of the LED. As a result, the non-linearity and drift characteristics of the LED can be virtually eliminated. The output photodiode produces a photocur rent that is linearly related to the light output of the LED. The close matching of the photo-diodes and advanced design of the package ensure the high linearity and stable gain characteristics of the opto coupler.

Features
• Low nonlinearity: 0.01%
• K3 (IPD2/IPD1) transfer gain
    HCNR200: ±15%
    HCNR201: ±5%
• Low gain temperature coefficient: -65 ppm/°C
• Wide bandwidth – DC to >1 MHz
• Worldwide safety approval
    – UL 1577 recognized (5 kV rms/1 min rating)
    – CSA approved
    – IEC/EN/DIN EN 60747-5-2 approved VIORM = 1414 V peak (option #050)
• Surface mount option available (Option #300)
• 8-Pin DIP package - 0.400” spacing
• Allows flexible circuit design

Applications
• Low cost analog isolation
• Telecom: Modem, PBX
• Industrial process control:
    Transducer isolator
    Isolator for thermo couples 4 mA to 20 mA loop isolation
• SMPS feedback loop, SMPS feedforward
• Monitor motor supply voltage
• Medical




Similar Part No. - HCNR200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers Allows fl exible circuit design
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
More results


Similar Description - HCNR200

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
High-Linearity Analog Optocouplers
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200 AVAGO-HCNR200 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers Allows fl exible circuit design
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com