Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4562 Datasheet (PDF) - Agilent(Hewlett-Packard)

HCPL-4562 Datasheet PDF - Agilent(Hewlett-Packard)
Part # HCPL-4562
Download  HCPL-4562 Download
File Size   266.4 Kbytes
Page   17 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Bandwidth, Analog/Video Optocouplers

HCPL-4562 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-4562 Datasheet PDF - Agilent(Hewlett-Packard)

Part # HCPL-4562
Download  HCPL-4562 Click to download

File Size   266.4 Kbytes
Page   17 Pages
Manufacturer  HP [Agilent(Hewlett-Packard)]
Direct Link  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)
Description High Bandwidth, Analog/Video Optocouplers

HCPL-4562 Datasheet (HTML) - Agilent(Hewlett-Packard)


HCPL-4562 Product details

Description
The HCPL-4562 and HCNW4562 optocouplers provide wide bandwidth isolation for analog signals. They are ideal for video isolation when combined with their application circuit (Figure 4). High linearity and low phase shift are achieved through an AlGaAs LED combined with a high speed detector. These single channel optocouplers are available in 8-Pin DIP and Widebody package configurations.

Features
• Wide Bandwidth[1]: 17 MHz (HCPL-4562) 9 MHz (HCNW4562)
• High Voltage Gain[1]: 2.0 (HCPL-4562) 3.0 (HCNW4562)
• Low GV Temperature Coefficient: -0.3%/°C
• Highly Linear at Low Drive Currents
• High-Speed AlGaAs Emitter
• Safety Approval
    UL Recognized - 2500 V rms for 1 minute (5000 V rms for 1 minute for HCPL-4562#020 and HCNW4562) per UL 1577 CSA Approved
    VDE 0884 Approved -VIORM = 1414 V peak for HCNW4562
    BSI Certified (HCNW4562)
• Available in 8-Pin DIP and Widebody Packages

Applications
• Video Isolation for the Following Standards/ Formats: NTSC, PAL, SECAM, S-VHS, ANALOG RGB
• Low Drive Current Feedback Element in Switching Power Supplies, e.g., for ISDN Networks
• A/D Converter Signal Isolation
• Analog Signal Ground Isolation
• High Voltage Insulation




Similar Part No. - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
Broadcom Corporation.
HCPL-4562 BOARDCOM-HCPL-4562 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
More results


Similar Description - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
High-Linearity Analog Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCPL-4562-300E AVAGO-HCPL-4562-300E Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
More results




About Agilent(Hewlett-Packard)


Agilent Technologies is a spin-off company of Hewlett-Packard (HP) that was established in 1999.
Agilent is a technology company that provides a wide range of products, software, and services to customers in various industries such as life sciences, diagnostics, and chemical analysis.
The company's product portfolio includes scientific instruments, test and measurement equipment, and electronic test equipment.
Agilent has a strong presence in the global market, with operations and facilities in various countries across the world.
The company is known for its innovative technology, high-quality products, and excellent customer support.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com