Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HCPL-4562 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

HCPL-4562 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # HCPL-4562
Download  HCPL-4562 Download
File Size   358.94 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Bandwidth, Analog/Video Optocouplers

HCPL-4562 Datasheet (PDF)

Go To PDF Page Download Datasheet
HCPL-4562 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-4562
Download  HCPL-4562 Click to download

File Size   358.94 Kbytes
Page   17 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description High Bandwidth, Analog/Video Optocouplers

HCPL-4562 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


HCPL-4562 Product details

Description
The HCPL-4562 and HCNW4562 optocouplers provide wide bandwidth isolation for analog signals. They are ideal for video isolation when combined with their application circuit (Figure 4). High linearity and low phase shift are achieved through an AlGaAs LED combined with a high speed detector. These single channel optocouplers are available in 8-Pin DIP and Widebody package confgurations.

Features
• Wide bandwidth[1]:
    17 MHz (HCPL-4562)
    9 MHz (HCNW4562)
• High voltage gain[1]:
    2.0 (HCPL-4562)
    3.0 (HCNW4562)
• Low GV temperature coefcient: -0.3%/°C
• Highly linear at low drive currents
• High-speed AlGaAs emitter
• Safety approval: UL Recognized
    – 3750Vrms for 1 minute (5000V rms for 1 minute for HCPL-4562#020 and HCNW4562) per UL 1577 CSA Approved IEC/EN/DIN EN 60747-5-2 Approved
    – VIORM = 1414 Vpeak for HCNW4562
• Available in 8-pin DIP and widebody packages

Applications
• Video isolation for the following standards/formats: NTSC, PAL, SECAM, S-VHS, ANALOG RGB
• Low drive current feedback element in switching power supplies, e.g., for ISDN networks
• A/D converter signal isolation
• Analog signal ground isolation
• High voltage insulation




Similar Part No. - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562 AVAGO-HCPL-4562 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
Broadcom Corporation.
HCPL-4562 BOARDCOM-HCPL-4562 Datasheet
101Kb / 2P
Optocoupler Option 020 for 5000 V rms/1 Minute Requirement
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
More results


Similar Description - HCPL-4562

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCNR200 HP-HCNR200 Datasheet
241Kb / 16P
High-Linearity Analog Optocouplers
HCPL-4562 HP-HCPL-4562 Datasheet
266Kb / 17P
High Bandwidth, Analog/Video Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCNR201-500E AVAGO-HCNR201-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-500E AVAGO-HCNR200-500E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-300E AVAGO-HCNR201-300E Datasheet
237Kb / 19P
High-Linearity Analog Optocouplers
HCNR201-000E AVAGO-HCNR201-000E Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR200-300 AVAGO-HCNR200-300 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCNR201 AVAGO-HCNR201 Datasheet
238Kb / 19P
High-Linearity Analog Optocouplers
HCPL-4562-020 AVAGO-HCPL-4562-020 Datasheet
358Kb / 17P
High Bandwidth, Analog/Video Optocouplers
HCNR201-300 AVAGO-HCNR201-300 Datasheet
396Kb / 19P
High-Linearity Analog Optocouplers
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com