Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7265BCP Datasheet (PDF) - Analog Devices

AD7265BCP Datasheet PDF - Analog Devices
Part # AD7265BCP
Download  AD7265BCP Download
File Size   690.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC

AD7265BCP Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7265BCP Datasheet PDF - Analog Devices

Part # AD7265BCP
Download  AD7265BCP Click to download

File Size   690.38 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC

AD7265BCP Datasheet (HTML) - Analog Devices


AD7265BCP Product details

GENERAL DESCRIPTION
The AD72651 is a dual, 12-bit, high speed, low power, successive approximation ADC that operates from a single 2.7 V to 5.25 V power supply and features throughput rates of up to 1 MSPS. The device contains two ADCs, each preceded by a 3-channel multiplexer, and a low noise, wide bandwidth track-and-hold amplifier that can handle input frequencies in excess of 30 MHz.

FEATURES
   Dual 12-bit, 3-channel ADC
   Throughput rate: 1 MSPS
   Specified for VDD of 2.7 V to 5.25 V
   Power consumption
      7 mW at 1 MSPS with 3 V supplies
      17 mW at 1 MSPS with 5 V supplies
   Pin-configurable analog inputs
      12-channel single-ended inputs
      6-channel fully differential inputs
      6-channel pseudo differential inputs
   70 dB SINAD at 50 kHz input frequency
   Accurate on-chip reference: 2.5 V
      ±0.2% maximum @ 25°C, 20 ppm/°C maximum
   Dual conversion with read 875 ns, 16 MHz SCLK
   High speed serial interface
      SPI®-/QSPI™-/MICROWIRE™-/DSP-compatible
   −40°C to +125°C operation
   Shutdown mode: 1 μA maximum
   32-lead LFCSP and 32-lead TQFP
   2 MSPS version, AD7266




Similar Part No. - AD7265BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7265BCP AD-AD7265BCP Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265BCPZ AD-AD7265BCPZ Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
AD7265BCPZ-REEL7 AD-AD7265BCPZ-REEL7 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
More results


Similar Description - AD7265BCP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7266 AD-AD7266 Datasheet
752Kb / 17P
Differential Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
AD7265 AD-AD7265 Datasheet
706Kb / 16P
Differential Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
AD7356 AD-AD7356 Datasheet
191Kb / 18P
Differential Input, Dual, 5 MSPS, 12-Bit, SAR ADC
Nov-2006
AD7352 AD-AD7352 Datasheet
518Kb / 20P
Differential Input, Dual, Simultaneous Sampling, 3 MSPS, 12-Bit, SAR ADC
REV. 0
AD7266BSUZ AD-AD7266BSUZ Datasheet
644Kb / 28P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7265 AD-AD7265_15 Datasheet
812Kb / 29P
Differential/Single-Ended Input, Dual 1 MSPS, 12-Bit, 3-Channel SAR ADC
REV. A
AD7266 AD-AD7266_15 Datasheet
889Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
REV. B
AD7352 AD-AD7352_17 Datasheet
515Kb / 21P
Differential Input, Dual, Simultaneous ampling, 3 MSPS, 12-Bit, SAR ADC
23-Feb-2017
AD7265 AD-AD7265_17 Datasheet
810Kb / 29P
Differential/Single-Ended Input, 1 MSPS, 12-Bit, 3-Channel Dual SAR ADC
23-Feb-2017
AD7266 AD-AD7266_17 Datasheet
691Kb / 29P
Differential/Single-Ended Input, Dual 2 MSPS, 12-Bit, 3-Channel SAR ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com