Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT130 Datasheet (PDF) - Coto Technology

CT130 Datasheet PDF - Coto Technology
Part # CT130
Download  CT130 Download
File Size   366.89 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 400V Maximum

CT130 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT130 Datasheet PDF - Coto Technology

Part # CT130
Download  CT130 Click to download

File Size   366.89 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 1a Load Voltage: 400V Maximum

CT130 Datasheet (HTML) - Coto Technology


CT130 Product details

CotoMOS® CT130/CS130
The CT130 and CS130 feature current switching capability to 120mA with a low on resistance of 30Ω Maximum. Designed for Security, Measurement and Instrumentation applications the CotoMOS® relay is capable of handling 400V load conditions. If your requirements are different please contact your Coto Applications Engineer for assistance through www.cotorelay.com.

CT130/CS130 Features
► Contact Form: 1A
► Load Voltage: 400V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 120mA Maximum
► On-Resistance: 30Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Suffix - H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CT130

ManufacturerPart #DatasheetDescription
logo
Central Technologies
CT130F-121K-K CT-CT130F-121K-K Datasheet
195Kb / 2P
High Current Power Toroids
CT130F-121K-L CT-CT130F-121K-L Datasheet
195Kb / 2P
High Current Power Toroids
CT130F-121K-M CT-CT130F-121K-M Datasheet
195Kb / 2P
High Current Power Toroids
CT130F-251M-K CT-CT130F-251M-K Datasheet
195Kb / 2P
High Current Power Toroids
CT130F-251M-L CT-CT130F-251M-L Datasheet
195Kb / 2P
High Current Power Toroids
More results


Similar Description - CT130

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C230S COTO-C230S Datasheet
381Kb / 2P
Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
C774S COTO-C774S Datasheet
305Kb / 2P
Contact Form: 1a1b Load Voltage: 400V Maximum
CT131 COTO-CT131 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 350V Maximum
CT134 COTO-CT134 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 200V Maximum
CT135 COTO-CT135 Datasheet
365Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT147 COTO-CT147 Datasheet
368Kb / 2P
Contact Form: 1a Load Voltage: 80V Maximum
CT330 COTO-CT330 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 400V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
CT674 COTO-CT674 Datasheet
335Kb / 2P
Contact Form: 2b Load Voltage: 400V Maximum
CT774 COTO-CT774 Datasheet
340Kb / 2P
Contact Form: 1a1b Load Voltage: 400V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com