Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CT330 Datasheet (PDF) - Coto Technology

CT330 Datasheet PDF - Coto Technology
Part # CT330
Download  CT330 Download
File Size   335.62 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 2a Load Voltage: 400V Maximum

CT330 Datasheet (PDF)

Go To PDF Page Download Datasheet
CT330 Datasheet PDF - Coto Technology

Part # CT330
Download  CT330 Click to download

File Size   335.62 Kbytes
Page   2 Pages
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology
Description Contact Form: 2a Load Voltage: 400V Maximum

CT330 Datasheet (HTML) - Coto Technology


CT330 Product details

CotoMOS® CT330/CS330
The CT330 and CS330 feature current switching capability to 100mA with a low on resistance of 30Ω Maximum. Designed for Security, Measurement and Instrumentation applications the CotoMOS® relay is capable of handling 400V load conditions. If your requirements are different please contact your Coto Applications Engineer for assistance through www.cotorelay.com.

CT330/CS330 Features
► Contact Form: 2A
► Load Voltage: 400V Maximum
► Operation LED Current: 3.0mA Maximum
► Load Current: 100mA Maximum
► On-Resistance: 30Ω Maximum
► Low Off-State Leakage Current: 1.0μA Maximum
► I/O Breakdown Voltage: 1500Vrms Minimum
► Suffix -H for I/O Breakdown Voltage: 5000Vrms Minimum




Similar Part No. - CT330

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT330 COTO-CT330_14 Datasheet
624Kb / 2P
MAXIMUM RATINGS, ELECTRICAL SPECIFICATIONS
More results


Similar Description - CT330

ManufacturerPart #DatasheetDescription
logo
Coto Technology
C230S COTO-C230S Datasheet
381Kb / 2P
Contact Form: C230S: 1a / C330S: 2a Load Voltage: 400V Maximum
CT130 COTO-CT130 Datasheet
366Kb / 2P
Contact Form: 1a Load Voltage: 400V Maximum
CT326 COTO-CT326 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 40V Maximum
CT331 COTO-CT331 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 350V Maximum
CT334 COTO-CT334 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 200V Maximum
CT335 COTO-CT335 Datasheet
334Kb / 2P
Contact Form: 2a Load Voltage: 80V Maximum
CT337 COTO-CT337 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 60V Maximum
CT338 COTO-CT338 Datasheet
335Kb / 2P
Contact Form: 2a Load Voltage: 600V Maximum
CT474 COTO-CT474 Datasheet
366Kb / 2P
Contact Form: 1b Load Voltage: 400V Maximum
CT674 COTO-CT674 Datasheet
335Kb / 2P
Contact Form: 2b Load Voltage: 400V Maximum
More results




About Coto Technology


Coto Technology is a company that specializes in the design, development, and manufacturing of high-quality magnetic reed switches and other related products. The company was founded in 1917 and is based in North Kingstown, Rhode Island, USA.

Coto Technology offers a wide range of magnetic reed switches and related products, including high-voltage reed relays, automotive-grade reed switches, and surface-mount reed switches. These products are used in a variety of applications, including telecommunications, medical equipment, automotive electronics, and industrial controls.

In addition to magnetic reed switches, Coto Technology also offers a range of complementary products, including dry reed switches, reed sensors, and magnetic proximity sensors. The company has a reputation for producing high-quality, reliable products, and has won numerous awards and accolades for its work in the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com