Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CSM2512 Datasheet (PDF) - Vishay Siliconix

CSM2512 Datasheet PDF - Vishay Siliconix
Part # CSM2512
Download  CSM2512 Download
File Size   2261.19 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum

CSM2512 Datasheet (PDF)

Go To PDF Page Download Datasheet
CSM2512 Datasheet PDF - Vishay Siliconix

Part # CSM2512
Download  CSM2512 Click to download

File Size   2261.19 Kbytes
Page   8 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum

CSM2512 Datasheet (HTML) - Vishay Siliconix




Similar Part No. - CSM2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CSM2512 VISHAY-CSM2512 Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
logo
List of Unclassifed Man...
CSM2512 ETC2-CSM2512 Datasheet
116Kb / 2P
Molded Metal Plate Sensing Resistor
logo
Stackpole Electronics, ...
CSM2512 SEI-CSM2512 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT10L0 SEI-CSM2512FT10L0 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
CSM2512FT1L00 SEI-CSM2512FT1L00 Datasheet
344Kb / 6P
Molded Metal Plate Sensing Resistor
8/17/2022
More results


Similar Description - CSM2512

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
200 VISHAY-200 Datasheet
105Kb / 4P
Bulk Metal® Foil Technology Conformally Coated Precision Current Sensing Resistors with TCR of 5 ppm/°C and values down to 5 mΩ
16-Jul-07
VHP-3 VISHAY-VHP-3 Datasheet
142Kb / 6P
Bulk Metal® Foil Technology Hermetically Sealed Power and Current Sensing Resistor with TCR of 2 ppm/°C and Power up to 10 Watts
31-Oct-07
1280G VISHAY-1280G_07 Datasheet
123Kb / 4P
Bulk Metal® Foil Technology Precision Trimming Potentiometers 3/4" Rectilinear, ± 5 ppm/°C and ± 15 ppm/°C TCR
07-Nov-07
VPR5 VISHAY-VPR5 Datasheet
86Kb / 3P
Bulk Metal® Foil Technology Power Current Sensing Resistors with TCR of 5 ppm/°C and Power Rating up to 7 Watts
05-Jun-07
VRM VISHAY-VRM Datasheet
109Kb / 3P
Bulk Metal® Foil Technology Industrial Miniature Precision Resistor with TCR of ± 4 ppm/°C and Tolerance to ± 0.01 %
12-Jul-07
CSM VISHAY-CSM Datasheet
1Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor
3-May-11
Y14870R01000B9W VISHAY-Y14870R01000B9W Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
Y44870R10000F9R VISHAY-Y44870R10000F9R Datasheet
628Kb / 5P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Improved Stability 0.05 %, Resistance Value from 10 mΩ, Rated Power to 1 W and TCR to 0 ± 15 ppm/°C
3-May-11
Y14880R00100D9R VISHAY-Y14880R00100D9R Datasheet
2Mb / 8P
Bulk Metal® Technology High Precision, Current Sensing, Power Surface Mount, Metal Strip Resistor with Resistance Value from 1 mΩ, Rated Power up to 3 W and TCR to 0 ± 15 ppm/°C Maximum
3-May-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com