Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX987 Datasheet (PDF) - Maxim Integrated Products

MAX987 Datasheet PDF - Maxim Integrated Products
Part # MAX987
Download  MAX987 Download
File Size   329.88 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Micropower, Low-Voltage

MAX987 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAX987 Datasheet PDF - Maxim Integrated Products

Part # MAX987
Download  MAX987 Click to download

File Size   329.88 Kbytes
Page   13 Pages
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products
Description High-Speed, Micropower, Low-Voltage

MAX987 Datasheet (HTML) - Maxim Integrated Products


MAX987 Product details

General Description
The MAX987/MAX988/MAX991/MAX992/MAX995/MAX996 single/dual/quad micropower comparators feature low-voltage operation and rail-to-rail inputs and outputs. Their operating voltage ranges from +2.5V to +5.5V, making them ideal for both 3V and 5V systems. These comparators also operate with ±1.25V to ±2.75V dual supplies. They consume only 48µA per comparator while achieving a 120ns propagation delay.
Input bias current is typically 1.0pA, and input offset voltage is typically 0.5mV. Internal hysteresis ensures clean output switching, even with slow-moving input signals.

Features
♦ 120ns Propagation Delay
♦ 48µA Quiescent Supply Current
♦ +2.5V to +5.5V Single-Supply Operation
♦ Common-Mode Input Voltage Range Extends
   250mV Beyond the Rails
♦ Push-Pull Output Stage Sinks and Sources
   8mA Current (MAX987/MAX991/MAX995)
♦ Open-Drain Output Voltage Extends Beyond VCC
   (MAX988/MAX992/MAX996)
♦ Unique Output Stage Reduces Output Switching
   Current, Minimizing Overall Power Consumption
♦ 100µA Supply Current at 1MHz Switching
   Frequency
♦ No Phase Reversal for Overdriven Inputs
♦ Available in Space-Saving Packages:
   5-Pin SOT23 (MAX987/MAX988)
   8-Pin µMAX (MAX991/MAX992)

Applications
   Portable/Battery Powered Systems
   Mobile Communications
   Zero-Crossing Detectors
   Window Comparators
   Level Translators
   Threshold Detectors/Discriminators
   Ground/Supply Sensing
   IR Receivers
   Digital Line Receivers




Similar Part No. - MAX987

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX987 MAXIM-MAX987 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987 MAXIM-MAX987 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX987-MAX996 MAXIM-MAX987-MAX996 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
MAX9875 MAXIM-MAX9875 Datasheet
544Kb / 30P
Low RF Susceptibility, Mono Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 3/09
More results


Similar Description - MAX987

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX480 MAXIM-MAX480 Datasheet
106Kb / 6P
High-Precision, Low-Voltage, Micropower Op Amp
Rev 3a; 1/98
MAX987 MAXIM-MAX987 Datasheet
141Kb / 12P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 0b; 7/97
logo
Toshiba Semiconductor
1SS319 TOSHIBA-1SS319_07 Datasheet
186Kb / 3P
Low Voltage High Speed Switching
1SS357 TOSHIBA-1SS357_07 Datasheet
282Kb / 3P
Low Voltage High Speed Switching
1SS384 TOSHIBA-1SS384_07 Datasheet
200Kb / 3P
Low Voltage High Speed Switching
logo
Guangdong Kexin Industr...
1SS357 KEXIN-1SS357 Datasheet
32Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
1SS392 KEXIN-1SS392 Datasheet
35Kb / 1P
LOW VOLTAGE HIGH SPEED SWITCHING
logo
Maxim Integrated Produc...
MAX987 MAXIM-MAX987_07 Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail I/O Comparators
Rev 2; 1/07
MAX987EUK MAXIM-MAX987EUK Datasheet
329Kb / 13P
High-Speed, Micropower, Low-Voltage, SOT23, Rail-to-Rail IO Comparators
Rev 2; 1/07
MAX480 MAXIM-MAX480_V01 Datasheet
232Kb / 7P
High-Precision, Low-Voltage, Micropower Op Amp
2007
More results




About Maxim Integrated Products


Maxim Integrated Products is a publicly traded company that designs, develops, and sells a wide range of high-performance analog and mixed-signal integrated circuits (ICs).
The company was founded in 1983 and is headquartered in San Jose, California.
Maxim Integrated Products serves customers in a variety of markets, including communications, computing, consumer, industrial, medical, and automotive.
The company offers a comprehensive portfolio of products, including data converters, amplifiers and comparators, power management ICs, microcontrollers, security and protection devices, and sensors, among others.
Maxim Integrated Products is dedicated to innovation and customer satisfaction, and is committed to delivering high-quality, reliable solutions to its customers.
With a focus on energy efficiency and sustainability, Maxim Integrated Products is at the forefront of the semiconductor industry, driving technological advancements in the fields of analog and mixed-signal ICs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com