Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH756 Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

SFH756 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
Part # SFH756
Download  SFH756 Download
File Size   303.22 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH756 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH756 Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

Part # SFH756
Download  SFH756 Click to download

File Size   303.22 Kbytes
Page   6 Pages
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH756 Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


SFH756 Product details

Description
The  SFH756  is  a  low-cost  transmitter  for  simple  optical data transmission with polymer optical fiber. The 650nm LED allows for speeds up to 10MBd.

Features
•  2.2  mm  Aperture  holds  Standard  1000  Micron  Plastic Fiber
•  No Fiber Stripping Required
•  Good Linearity (Forward current > 2 mA)
•  Molded Microlens for Efficient Coupling

Plastic Connector Housing
•  Mounting Screw Attached to the Connector
•  Interference  Free  Transmission  from  light-Tight Housing
•  Transmitter and Receiver can be flexibly positioned
•  No Cross Talk
•  Auto insertable and Wave solderable
•  Supplied in Tubes

Applications
•  Household Electronics
•  Power Electronics
•  Optical Networks
•  Light Barriers




Similar Part No. - SFH756

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SFH756 INFINEON-SFH756 Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Infineon Technologies A...
SFH756V INFINEON-SFH756V Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
logo
Broadcom Corporation.
SFH756V BOARDCOM-SFH756V Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
More results


Similar Description - SFH756

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH450 SIEMENS-SFH450 Datasheet
96Kb / 2P
PLASTIC FIBER OPTIC TRANSMITTER DIODE
SFH450V SIEMENS-SFH450V Datasheet
95Kb / 2P
PLASTIC FIBER OPTIC TRANSMITTER DIODE
logo
Infineon Technologies A...
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
SFH350 INFINEON-SFH350 Datasheet
285Kb / 7P
Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
SFH450 INFINEON-SFH450 Datasheet
209Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SFH756 INFINEON-SFH756 Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SFH757 INFINEON-SFH757 Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
PLASTIC FIBER OPTIC LINK
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com