Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH756 Datasheet (PDF) - Infineon Technologies AG

SFH756 Datasheet PDF - Infineon Technologies AG
Part # SFH756
Download  SFH756 Download
File Size   217.25 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH756 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH756 Datasheet PDF - Infineon Technologies AG

Part # SFH756
Download  SFH756 Click to download

File Size   217.25 Kbytes
Page   7 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description Plastic Fiber Optic Transmitter Diode Plastic Connector Housing

SFH756 Datasheet (HTML) - Infineon Technologies AG


SFH756 Product details

Plastic Fiber Optic Transmitter Diode
Plastic Connector Housing

Features
• 2.2 mm Aperture holds Standard 1000 Micron Plastic Fiber
• No Fiber Stripping Required
• Good Linearity (Forward current > 2 mA)
• Molded Microlens for Efficient Coupling

Plastic Connector Housing
• Mounting Screw Attached to the Connector
• Interference Free Transmission from light-Tight Housing
• Transmitter and Receiver can be flexibly positioned
• No Cross Talk
• Auto insertable and Wave solderable
• Supplied in Tubes

Applications
• Household Electronics
• Power Electronics
• Optical Networks
• Light Barriers




Similar Part No. - SFH756

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
AVAGO TECHNOLOGIES LIMI...
SFH756V AVAGO-SFH756V Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756V BOARDCOM-SFH756V Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756_07 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
More results


Similar Description - SFH756

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH450 SIEMENS-SFH450 Datasheet
96Kb / 2P
PLASTIC FIBER OPTIC TRANSMITTER DIODE
SFH450V SIEMENS-SFH450V Datasheet
95Kb / 2P
PLASTIC FIBER OPTIC TRANSMITTER DIODE
logo
Infineon Technologies A...
SFH250 INFINEON-SFH250 Datasheet
192Kb / 6P
Plastic Fiber Optic Photodiode Detector Plastic Connector Housing
2004-03-19
SFH350 INFINEON-SFH350 Datasheet
285Kb / 7P
Plastic Fiber Optic Phototransistor Detector Plastic Connector Housing
2004-03-19
SFH450 INFINEON-SFH450 Datasheet
209Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SFH757 INFINEON-SFH757 Datasheet
217Kb / 7P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
2004-03-19
SPFMIT302 INFINEON-SPFMIT302 Datasheet
603Kb / 12P
Plastic Fiber Optic Transmitter including Bigfoot??IC for MOST
2003-Jan-15
logo
NEC
PLM101-1M NEC-PLM101-1M Datasheet
180Kb / 7P
PLASTIC FIBER OPTIC LINK
logo
AVAGO TECHNOLOGIES LIMI...
SFH756 AVAGO-SFH756_07 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
logo
Broadcom Corporation.
SFH756 BOARDCOM-SFH756 Datasheet
303Kb / 6P
Plastic Fiber Optic Transmitter Diode Plastic Connector Housing
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com