Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCX495 Datasheet (PDF) - Diodes Incorporated

FCX495 Datasheet PDF - Diodes Incorporated
Part # FCX495
Download  FCX495 Download
File Size   475.23 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN MEDIUM POWER TRANSISTOR IN SOT89

FCX495 Datasheet (PDF)

Go To PDF Page Download Datasheet
FCX495 Datasheet PDF - Diodes Incorporated

Part # FCX495
Download  FCX495 Click to download

File Size   475.23 Kbytes
Page   6 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 150V NPN MEDIUM POWER TRANSISTOR IN SOT89

FCX495 Datasheet (HTML) - Diodes Incorporated


FCX495 Product details

Features
• BVCEO > 150V
• IC = 1A High Continuous Current
• Low Saturation Voltage VCE(sat) < 300mV @ 0.5A
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• Qualified to AEC-Q101 Standards for High Reliability

Application
• Low Loss Power Switching




Similar Part No. - FCX495

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
FCX495 ZETEX-FCX495 Datasheet
16Kb / 1P
NPN SILICON PLANAR HIGH VOLTAGE TRANSISTOR
FCX495 ZETEX-FCX495 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
logo
Diodes Incorporated
FCX495 DIODES-FCX495 Datasheet
311Kb / 6P
SOT89 NPN silicon planar high voltage transistor
MAY 2007
logo
Guangdong Huixin Electr...
FCX495U HUIXIN-FCX495U Datasheet
904Kb / 5P
NPN Silicon Epitaxial Planar Transistors
logo
Zetex Semiconductors
FCX495 ZETEX-FCX495_07 Datasheet
275Kb / 6P
SOT89 NPN silicon planar high voltage transistor
More results


Similar Description - FCX495

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZXTN10150DZ DIODES-ZXTN10150DZ Datasheet
246Kb / 7P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
ZXTN19100CZ DIODES-ZXTN19100CZ Datasheet
459Kb / 8P
100V NPN medium power transistor in SOT89
FEBRUARY 2008
ZXTN4004Z DIODES-ZXTN4004Z Datasheet
226Kb / 5P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 1
BSR43 DIODES-BSR43_15 Datasheet
287Kb / 7P
80V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 5
FCX491 DIODES-FCX491_15 Datasheet
435Kb / 7P
60V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX495 DIODES-FCX495_15 Datasheet
475Kb / 6P
150V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 6
FCX1047A DIODES-FCX1047A_15 Datasheet
446Kb / 7P
10V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
FCX1053A DIODES-FCX1053A_15 Datasheet
535Kb / 7P
75V NPN MEDIUM POWER TRANSISTOR IN SOT89
Rev 3
ZXTN4004Z DIODES-ZXTN4004Z_15 Datasheet
416Kb / 6P
150V NPN LED DRIVING TRANSISTOR IN SOT89
Rev 2
BCX6825Q DIODES-BCX6825Q Datasheet
780Kb / 6P
20V NPN MEDIUM POWER TRANSISTOR IN SOT89
November 2015 Rev. 1 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com