Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB48EP Datasheet (PDF) - NXP Semiconductors

PMPB48EP Datasheet PDF - NXP Semiconductors
Part # PMPB48EP
Download  PMPB48EP Download
File Size   242.75 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, single P-channel Trench MOSFET

PMPB48EP Datasheet (PDF)

Go To PDF Page Download Datasheet
PMPB48EP Datasheet PDF - NXP Semiconductors

Part # PMPB48EP
Download  PMPB48EP Click to download

File Size   242.75 Kbytes
Page   14 Pages
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors
Description 30 V, single P-channel Trench MOSFET

PMPB48EP Datasheet (HTML) - NXP Semiconductors


PMPB48EP Product details

General description
P-channel enhancement mode Field-Effect Transistor (FET) in a leadless medium power DFN2020MD-6 (SOT1220) Surface-Mounted Device (SMD) plastic package using Trench MOSFET technology.

Features and benefits
• Trench MOSFET technology
• Small and leadless ultra thin SMD plastic package: 2 x 2 x 0.65 mm
• Exposed drain pad for excellent thermal conduction
• Tin-plated 100 % solderable side pads for optical solder inspection

Applications
• Charging switch for portable devices
• DC-to-DC converters
• Power management in battery-driven portable devices
• Hard disk and computing power management




Similar Part No. - PMPB48EP

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB48EP NEXPERIA-PMPB48EP Datasheet
740Kb / 14P
30 V, single P-channel Trench MOSFET
10 September 2012
PMPB48EPA NEXPERIA-PMPB48EPA Datasheet
285Kb / 14P
30 V, P-channel Trench MOSFET
27 March 2018
logo
NXP Semiconductors
PMPB48EP PHILIPS-PMPB48EP_15 Datasheet
242Kb / 14P
30 V, single P-channel Trench MOSFET
10 September 2012
More results


Similar Description - PMPB48EP

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NX3008PBKMB NXP-NX3008PBKMB Datasheet
1Mb / 15P
30 V, single P-channel Trench MOSFET
Rev. 1-11 May 2012
NX2020P1 PHILIPS-NX2020P1_15 Datasheet
273Kb / 15P
30 V, single P-channel Trench MOSFET
22 January 2014
NX3008PBKMB PHILIPS-NX3008PBKMB_15 Datasheet
1Mb / 15P
30 V, single P-channel Trench MOSFET
Rev. 1-11 May 2012
PMPB27EP PHILIPS-PMPB27EP_15 Datasheet
253Kb / 14P
30 V, single P-channel Trench MOSFET
10 September 2012
PMPB47XP PHILIPS-PMPB47XP_15 Datasheet
245Kb / 14P
30 V, single P-channel Trench MOSFET
5 December 2012
PMPB48EP PHILIPS-PMPB48EP_15 Datasheet
242Kb / 14P
30 V, single P-channel Trench MOSFET
10 September 2012
logo
Nexperia B.V. All right...
PMPB27EP NEXPERIA-PMPB27EP Datasheet
750Kb / 14P
30 V, single P-channel Trench MOSFET
PMPB47XP NEXPERIA-PMPB47XP Datasheet
743Kb / 14P
30 V, single P-channel Trench MOSFET
NX3008PBKMB NEXPERIA-NX3008PBKMB Datasheet
1Mb / 15P
30 V, single P-channel Trench MOSFET
Rev. 1 - 11 May 2012
PMPB48EP NEXPERIA-PMPB48EP Datasheet
740Kb / 14P
30 V, single P-channel Trench MOSFET
10 September 2012
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.

The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.

NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.

The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.

NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com