Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PMPB48EP Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PMPB48EP
Description  30 V, single P-channel Trench MOSFET
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PMPB48EP Datasheet(HTML) 2 Page - NXP Semiconductors

  PMPB48EP Datasheet HTML 1Page - NXP Semiconductors PMPB48EP Datasheet HTML 2Page - NXP Semiconductors PMPB48EP Datasheet HTML 3Page - NXP Semiconductors PMPB48EP Datasheet HTML 4Page - NXP Semiconductors PMPB48EP Datasheet HTML 5Page - NXP Semiconductors PMPB48EP Datasheet HTML 6Page - NXP Semiconductors PMPB48EP Datasheet HTML 7Page - NXP Semiconductors PMPB48EP Datasheet HTML 8Page - NXP Semiconductors PMPB48EP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
NXP Semiconductors
PMPB48EP
30 V, single P-channel Trench MOSFET
PMPB48EP
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2012. All rights reserved
Product data sheet
10 September 2012
2 / 14
2. Pinning information
Table 2.
Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
D
drain
2
D
drain
3
G
gate
4
S
source
5
D
drain
6
D
drain
7
D
drain
8
S
source
6
5
7
8
4
Transparent top view
1
2
3
DFN2020MD-6 (SOT1220)
S
D
G
017aaa257
3. Ordering information
Table 3.
Ordering information
Package
Type number
Name
Description
Version
PMPB48EP
DFN2020MD-6 plastic thermal enhanced ultra thin small outline package; no
leads; 6 terminals
SOT1220
4. Marking
Table 4.
Marking codes
Type number
Marking code
PMPB48EP
1U
5. Limiting values
Table 5.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDS
drain-source voltage
-
-30
V
VGS
gate-source voltage
Tj = 25 °C
-20
20
V
VGS = -10 V; Tamb = 25 °C; t ≤ 5 s
[1]
-
-6.8
A
VGS = -10 V; Tamb = 25 °C
[1]
-
-4.7
A
ID
drain current
VGS = -10 V; Tamb = 100 °C
[1]
-
-3
A
IDM
peak drain current
Tamb = 25 °C; single pulse; tp ≤ 10 µs
-
-19
A
Ptot
total power dissipation
Tamb = 25 °C
[1]
-
1.7
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com