Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2404 Datasheet (PDF) - Motorola, Inc

MRFIC2404 Datasheet PDF - Motorola, Inc
Part # MRFIC2404
Download  MRFIC2404 Download
File Size   79.63 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC2404 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC2404 Datasheet PDF - Motorola, Inc

Part # MRFIC2404
Download  MRFIC2404 Click to download

File Size   79.63 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC2404 Datasheet (HTML) - Motorola, Inc


MRFIC2404 Product details

The MRFIC2404 is a single–stage class A GaAs amplifier in a low–cost 8 lead plastic package designed to drive the MRFIC2403 power amplifier for use in the 2.4 to 2.5 GHz Industrial–Scientific–Medical (ISM) band. The design is optimized for 5.0 Volt operation at 2.45 GHz but is usable from 2.0 to 3.0 GHz in applications such as telemetry and Multichannel Multipoint Distribution System (MMDS) wireless cable TV systems. Performance is suitable for frequency hopping or direct sequence spread spectrum as well as single–frequency applications.

• High Output Capability = +5.0 dBm Typical
• High Gain = 17 dB Typical
• Low Current Drain = 9.0 mA Typical
• Single Supply Voltage = 5.0 Volts
• Good Noise Figure = 4.3 dB Typical
• Low–Cost, Low Profile Plastic SOIC Package
• Order MRFIC2404R2 for Tape and Reel. R2 Suffix = 2,500 Units per 12 mm, 13 inch Reel.
• Device Marking = M2404




Similar Part No. - MRFIC2404

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2408 MOTOROLA-MRFIC2408 Datasheet
96Kb / 4P
single chip RF Power Amplifier
MRFIC2408PP MOTOROLA-MRFIC2408PP Datasheet
96Kb / 4P
single chip RF Power Amplifier
More results


Similar Description - MRFIC2404

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1803 MOTOROLA-MRFIC1803 Datasheet
119Kb / 6P
1.8 GHz UPMIXER, EXCITER AND LO AMP GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1804 MOTOROLA-MRFIC1804 Datasheet
82Kb / 6P
1.8 GHz LOW NOISE AMPLIFIER AND DOWNMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1807 MOTOROLA-MRFIC1807 Datasheet
226Kb / 8P
1.8 GHz POWER AMPLIFIER AND TRANSMIT/RECEIVE SWITCH GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2101 MOTOROLA-MRFIC2101 Datasheet
124Kb / 10P
900 MHz TX-MIXER/EXCITER SILICON MONOLITHIC INTEGRATED CIRCUIT
MRFIC2401 MOTOROLA-MRFIC2401 Datasheet
138Kb / 8P
2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
GaAs Linear Integrated Circuit GaAs Monolithic
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com