Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MRFIC2401 Datasheet (PDF) - Motorola, Inc

MRFIC2401 Datasheet PDF - Motorola, Inc
Part # MRFIC2401
Download  MRFIC2401 Download
File Size   138.94 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC2401 Datasheet (PDF)

Go To PDF Page Download Datasheet
MRFIC2401 Datasheet PDF - Motorola, Inc

Part # MRFIC2401
Download  MRFIC2401 Click to download

File Size   138.94 Kbytes
Page   8 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 2.4 GHz DOWNCONVERTER GaAs MONOLITHIC INTEGRATED CIRCUIT

MRFIC2401 Datasheet (HTML) - Motorola, Inc


MRFIC2401 Product details

The MRFIC2401 is a GaAs low–noise amplifier and downmixer in a low–cost 16 lead plastic package designed for use in the 2.4 to 2.5 GHz Industrial– Scientific–Medical (ISM) band. The design is optimized for efficiency at 5.0 Volt operation at 2.45 GHz but is usable from 2.0 to 3.0 GHz in applications such as telemetry and Multichannel Multipoint Distribution System (MMDS) wireless cable TV systems. Performance is suitable for frequency hopping or direct sequence spread spectrum as well as single–frequency applications. LNA output and mixer input are available to allow image filtering.

• Single Supply Voltage = 5.0 Volts
• High Conversion Gain = 21 dB Typical Less Image Filter
• Low Supply Current = 9.5 mA Typical
• Low–Cost, Low Profile Plastic SOIC Package
• Available in Tape and Reel by Adding R2 Suffix to Part Number. R2 Suffix = 2,500 Units per 16 mm, 13 inch Reel.
• Device Marking = M2401




Similar Part No. - MRFIC2401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2408 MOTOROLA-MRFIC2408 Datasheet
96Kb / 4P
single chip RF Power Amplifier
MRFIC2408PP MOTOROLA-MRFIC2408PP Datasheet
96Kb / 4P
single chip RF Power Amplifier
More results


Similar Description - MRFIC2401

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRFIC1805 MOTOROLA-MRFIC1805 Datasheet
220Kb / 10P
1.9 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC1806 MOTOROLA-MRFIC1806 Datasheet
278Kb / 12P
1.8 GHz DRIVER AMPLIFIER AND RAMP CIRCUIT GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2403 MOTOROLA-MRFIC2403 Datasheet
100Kb / 6P
2.4 GHz POWER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2404 MOTOROLA-MRFIC2404 Datasheet
79Kb / 6P
2.4 GHz EXCITER AMPLIFIER GaAs MONOLITHIC INTEGRATED CIRCUIT
MRFIC2406 MOTOROLA-MRFIC2406 Datasheet
66Kb / 4P
2.4 GHz INTEGRATED UPMIXER GaAs MONOLITHIC INTEGRATED CIRCUIT
logo
Toshiba Semiconductor
TG2206F TOSHIBA-TG2206F Datasheet
185Kb / 7P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
31-Jul-2002
TG2213S TOSHIBA-TG2213S Datasheet
163Kb / 7P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2211FT TOSHIBA-TG2211FT Datasheet
208Kb / 9P
TOSHIBA GaAs Linear Integrated Circuit GaAs Monolithic
TG2401F TOSHIBA-TG2401F Datasheet
219Kb / 7P
GaAs Linear Integrated Circuit GaAs Monolithic
28-Jan-2003
logo
WJ Communication. Inc.
CV221-2A WJCI-CV221-2A Datasheet
278Kb / 5P
1.9 - 2.4 GHz Dual-Branch Downconverter
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com