Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP2105 Datasheet (PDF) - Silicon Laboratories

CP2105 Datasheet PDF - Silicon Laboratories
Part # CP2105
Download  CP2105 Download
File Size   206.89 Kbytes
Page   24 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Data format: 8 data bits, 1 stop bit Parity: Even, Pdd, No parity Baud rates: 2400 bps to 921600 bps

CP2105 Datasheet (PDF)

Go To PDF Page Download Datasheet
CP2105 Datasheet PDF - Silicon Laboratories

Part # CP2105
Download  CP2105 Click to download

File Size   206.89 Kbytes
Page   24 Pages
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories
Description Data format: 8 data bits, 1 stop bit Parity: Even, Pdd, No parity Baud rates: 2400 bps to 921600 bps

CP2105 Datasheet (HTML) - Silicon Laboratories


CP2105 Product details

System Overview

The CP2105 is a highly-integrated USB-to-Dual-UART Bridge Controller providing a simple solution for updating RS-232 designs to USB using a minimum of componentsand PCB space. The CP2105 includes a USB 2.0 full speed function controller, USB transceiver, oscillator, one-time programmable ROM, and two asynchronous serial data buses (UART) with full modem control signals in a compact 4 x 4 mm QFN-24 package (sometimes called “MLF” or “MLP”).

The on-chip one-time programmable ROM may be used tocustomize the USB Vendor ID, Product ID, Product Description String, Power Descriptor,Device Release Number, Interface Strings, Device Serial Number, and Modem/GPIO configuration as desired for OEM applications.

Royalty-free Virtual COM Port(VCP) device drivers provided by SiliconLabs allow a CP2105-based product to appear as two COM ports in PC applications. The CP2105 UART interfaces implement all RS-232 signals including control and handshaking, so existing system firmware does not need to be modified. The device also features a total of five GPIO signals that can be user-defined for status and control information. Support for I/O interface voltages down to 1.8 V is provided via a VIOpin. Direct access driver support is also available through the Silicon Labs USBXpress driver set.See www.silabs.com for the latest application notes and product support information for the CP2105. An evaluation kit for the CP2105 (Part Number: CP2105EK) is available. It includes a CP2105-based USB-to UART/RS-232 evaluation board, a complete set of VCP device drivers, USB and RS-232 cables, and full documentation. Contact a Silicon Labs sales representatives or go to www.silabs.com to order the CP2105 Evaluation Kit.




Similar Part No. - CP2105

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2105 SILABS-CP2105 Datasheet
452Kb / 8P
USB DRIVER CUSTOMIZATION
CP2105 SILABS-CP2105 Datasheet
322Kb / 30P
DEVICE CUSTOMIZATION GUIDE
CP2105 SILABS-CP2105 Datasheet
156Kb / 36P
PROGRAMMERS GUIDE
CP2105 SILABS-CP2105 Datasheet
745Kb / 45P
DEVICE CUSTOMIZATION GUIDE
CP2105 SILABS-CP2105 Datasheet
1Mb / 24P
SINGLE-CHIP USB TO DUAL UART BRIDGE
Rev. 1.1 11/13
More results


Similar Description - CP2105

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HD74HC180 HITACHI-HD74HC180 Datasheet
51Kb / 8P
8-bit Odd/Even Parity Generator/Checker
logo
List of Unclassifed Man...
XE2486 ETC-XE2486 Datasheet
34Kb / 10P
Miniature 2400 bps Modem Module
XE2476 ETC-XE2476 Datasheet
96Kb / 12P
2400 bps Plug-In Upgrade to CH1776
logo
Motorola, Inc
MC6173 MOTOROLA-MC6173 Datasheet
843Kb / 15P
2400 bps DIGITAL DEMODULATOR
logo
OKI electronic componet...
ML7012 OKI-ML7012 Datasheet
155Kb / 22P
2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
List of Unclassifed Man...
RC2424DP ETC1-RC2424DP Datasheet
2Mb / 36P
RC2424DP/DS 2400 BPS FULL-DUPLEX MODEM DATA PUMP DEVICE SET
logo
DB Lectro Inc
BPS-1 DBLECTRO-BPS-1 Datasheet
71Kb / 1P
BPS-1
BPS-8 DBLECTRO-BPS-8 Datasheet
72Kb / 1P
BPS-8
logo
List of Unclassifed Man...
ML7012-06 ETC2-ML7012-06 Datasheet
298Kb / 23P
2400 bps Single Chip Full Duplex Data Modem with Protocol
logo
WAGO Kontakttechnik Gmb...
750-651-000-002 WAGO-750-651-000-002 Datasheet
501Kb / 11P
Serial TTY Interface; 9600 baud; Even; 8/1 bits
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com