Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RLT80805MG Datasheet (PDF) - Roithner LaserTechnik GmbH

RLT80805MG Datasheet PDF - Roithner LaserTechnik GmbH
Part # RLT80805MG
Download  RLT80805MG Download
File Size   42.21 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Infrared Laserdiode

RLT80805MG Datasheet (PDF)

Go To PDF Page Download Datasheet
RLT80805MG Datasheet PDF - Roithner LaserTechnik GmbH

Part # RLT80805MG
Download  RLT80805MG Click to download

File Size   42.21 Kbytes
Page   1 Pages
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH
Description Infrared Laserdiode

RLT80805MG Datasheet (HTML) - Roithner LaserTechnik GmbH


RLT80805MG Product details

Infrared Laserdiode

Structure: GaAlAs double heterostructure
Lasing wavelength: 808 nm typ.
Max. optical power: 5 mW
Package: 5.6 mm




Similar Part No. - RLT80805MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT808-100G ROITHNER-RLT808-100G Datasheet
400Kb / 2P
Infrared Laser Diode
RLT808-10MG ROITHNER-RLT808-10MG Datasheet
155Kb / 1P
index guided mqw structure
RLT808-150GS ROITHNER-RLT808-150GS Datasheet
63Kb / 1P
High Power Infrared Laser Diode
RLT80830MG ROITHNER-RLT80830MG Datasheet
93Kb / 1P
Index Guided MQW Structure
RLT808500G ROITHNER-RLT808500G Datasheet
57Kb / 1P
High Power Infrared Laserdiode
More results


Similar Description - RLT80805MG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
RLT1550-5G ROITHNER-RLT1550-5G Datasheet
54Kb / 1P
Infrared Laserdiode
RLT1550-10G ROITHNER-RLT1550-10G Datasheet
52Kb / 1P
Infrared Laserdiode
RLT1550-15G ROITHNER-RLT1550-15G Datasheet
54Kb / 1P
High Power Infrared Laserdiode
RLT1550-20G ROITHNER-RLT1550-20G Datasheet
54Kb / 1P
High Power Infrared Laserdiode
RLT7605MG ROITHNER-RLT7605MG Datasheet
52Kb / 1P
Infrared Laserdiode
RLT8340MG ROITHNER-RLT8340MG Datasheet
37Kb / 1P
High Power Infrared Laserdiode
RLT8810MG ROITHNER-RLT8810MG Datasheet
36Kb / 1P
High Power Infrared Laserdiode
RLT9005MG ROITHNER-RLT9005MG Datasheet
36Kb / 1P
Infrared Laserdiode
RLT9810G ROITHNER-RLT9810G Datasheet
61Kb / 1P
Infrared Laserdiode
RLT808500G ROITHNER-RLT808500G Datasheet
57Kb / 1P
High Power Infrared Laserdiode
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com