Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD536AJD Datasheet (PDF) - Analog Devices

AD536AJD Datasheet PDF - Analog Devices
Part # AD536AJD
Download  AD536AJD Download
File Size   558.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

AD536AJD Datasheet (PDF)

Go To PDF Page Download Datasheet
AD536AJD Datasheet PDF - Analog Devices

Part # AD536AJD
Download  AD536AJD Click to download

File Size   558.84 Kbytes
Page   17 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Integrated Circuit True RMS-to-DC Converter

AD536AJD Datasheet (HTML) - Analog Devices


AD536AJD Product details

GENERAL DESCRIPTION

The AD536A is a complete monolithic integrated circuit that performs true rms-to-dc conversion. It offers performance comparable or superior to that of hybrid or modular units costing much more. The AD536A directly computes the true rms value of any complex input waveform containing ac and dc components.

A crest factor compensation scheme allows measurements with 1% error at crest factors up to 7. The wide bandwidth of the device extends the measurement capability to 300 kHz with less than 3 dB errors for signal levels greater than 100 m V.



FEATURES

True rms-to-dc conversion

Laser trimmed to high accuracy

  ±0.2% maximum error (AD536AK)

  ±0.5% maximum error (AD536AJ)

Wide response capability

  Computes rms of ac and dc signals

  450 kHz bandwidth: V rms > 100 mV

  2 MHz bandwidth: V rms > 1 V

  Signal crest factor of 7 for 1% error

dB output with 60 dB range

Low power: 1.2 mA quiescent current

Single- or dual-supply operation

Monolithic integrated circuit

−55°C to +125°C operation (AD536AS)




Similar Part No. - AD536AJD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536AJD AD-AD536AJD Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD536AJD AD-AD536AJD Datasheet
344Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. G
AD536AJDZ AD-AD536AJDZ Datasheet
344Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. G
More results


Similar Description - AD536AJD

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD536A AD-AD536A Datasheet
151Kb / 8P
Integrated Circuit True RMS-to-DC Converter
AD636 AD-AD636 Datasheet
157Kb / 8P
Low Level, True RMS-to-DC Converter
REV.B
logo
National Semiconductor ...
LH0091 NSC-LH0091 Datasheet
126Kb / 6P
LH0091 True RMS to DC Converter
logo
Burr-Brown (TI)
4341 BURR-BROWN-4341 Datasheet
331Kb / 4P
LOW COST TRUE RMS-TO-DC CONVERTER
logo
Analog Devices
AD636 AD-AD636_13 Datasheet
444Kb / 16P
Low Level, True RMS-to-DC Converter
REV. E
SSM2110 AD-SSM2110_15 Datasheet
3Mb / 11P
TRUE RMS TO DC CONVERTER
AD536A AD-AD536A_15 Datasheet
419Kb / 15P
Integrated Circuit True RMS-to-DC Converter
Rev. F
AD636 AD-AD636_15 Datasheet
677Kb / 17P
Low Level, True RMS-to-DC Converter
Rev. E
logo
Cyrustek corporation
ES5 CYRUSTEK-ES5 Datasheet
471Kb / 8P
True RMS-to-DC Converter
ES636 CYRUSTEK-ES636 Datasheet
227Kb / 13P
True RMS-to-DC Converters
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com