Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD844AQ Datasheet (PDF) - Analog Devices

AD844AQ Datasheet PDF - Analog Devices
Part # AD844AQ
Download  AD844AQ Download
File Size   422.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz 2000 V Monolithic Op Amp

AD844AQ Datasheet (PDF)

Go To PDF Page Download Datasheet
AD844AQ Datasheet PDF - Analog Devices

Part # AD844AQ
Download  AD844AQ Click to download

File Size   422.52 Kbytes
Page   20 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 60 MHz 2000 V Monolithic Op Amp

AD844AQ Datasheet (HTML) - Analog Devices


AD844AQ Product details

GENERAL DESCRIPTION
The AD844 is a high speed monolithic operational amplifier fabricated using the Analog Devices, Inc., junction isolated complementary bipolar (CB) process. It combines high bandwidth and very fast large signal response with excellent dc performance. Although optimized for use in current-to-voltage applications and as an inverting mode amplifier, it is also suitable for use in many noninverting applications.
   
FEATURES
    Wide bandwidth
        60 MHz at gain of −1
        33 MHz at gain of −10
    Slew rate: 2000 V/μs
    20 MHz full power bandwidth, 20 V p-p, RL = 500 Ω
    Fast settling: 100 ns to 0.1% (10 V step)
    Differential gain error: 0.03% at 4.4 MHz
    Differential phase error: 0.16° at 4.4 MHz
    Low offset voltage: 150 μV maximum (B Grade)
    Low quiescent current: 6.5 mA
    Available in tape and reel in accordance with
        EIA-481-A standard
   
APPLICATIONS
    Flash ADC input amplifiers
    High speed current DAC interfaces
    Video buffers and cable drivers
    Pulse amplifiers
   




Similar Part No. - AD844AQ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD844AQ AD-AD844AQ Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
AD844AQ AD-AD844AQ Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844AQ AD-AD844AQ Datasheet
380Kb / 20P
60 MHz, 2000 V/μs, Monolithic Op Amp with Quad Low Noise
Rev. G
More results


Similar Description - AD844AQ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CLC406 NSC-CLC406 Datasheet
432Kb / 6P
Wideband, Low Power Monolithic Op Amp
CLC414 NSC-CLC414 Datasheet
431Kb / 6P
Quad, Low-Power Monolithic Op Amp
CLC415 NSC-CLC415 Datasheet
338Kb / 6P
Quad, Wideband Monolithic Op Amp
CLC449 NSC-CLC449 Datasheet
748Kb / 12P
1.1GHz Ultra-Wideband Monolithic Op Amp
logo
Analog Devices
AD844 AD-AD844 Datasheet
493Kb / 12P
60 MHz, 2000 V/us Monolithic Op Amp
REV.C
logo
National Semiconductor ...
MNCLC449A-X NSC-MNCLC449A-X Datasheet
78Kb / 8P
1.2GHz ULTRA-WIDEBAND MONOLITHIC OP AMP
logo
Analog Devices
AD844 AD-AD844_07 Datasheet
250Kb / 16P
60 MHz, 2000 V/us Monolithic Op Amp
REV. D
AD844 AD-AD844_15 Datasheet
422Kb / 20P
60 MHz 2000 V/s Monolithic Op Amp
Rev. F
logo
Texas Instruments
OPA140 TI1-OPA140 Datasheet
1Mb / 44P
11-MHz JFET Op Amp
CLC414 TI1-CLC414 Datasheet
421Kb / 12P
Quad, Low Power Monolithic Op Amp
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com