Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1866R Datasheet (PDF) - Analog Devices

AD1866R Datasheet PDF - Analog Devices
Part # AD1866R
Download  AD1866R Download
File Size   183.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply Dual 16-Bit Audio DAC

AD1866R Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1866R Datasheet PDF - Analog Devices

Part # AD1866R
Download  AD1866R Click to download

File Size   183.76 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply Dual 16-Bit Audio DAC

AD1866R Datasheet (HTML) - Analog Devices


AD1866R Product details

PRODUCT DESCRIPTION

The AD1866 is a complete dual 16-bit DAC offering excellent performance while requiring a single +5 V power supply. It is fabricated on Analog Devices’ ABCMOS wafer fabrication process. The monolithic chip includes CMOS logic elements, bipolar and MOS linear elements and laser trimmed, thin film resistor elements. Careful design and layout techniques have resulted in low distortion, low noise, high channel separation and low power dissipation.



FEATURES

Dual Serial Input, Voltage Output DACs

Single +5 Volt Supply

0.005% THD+N

Low Power –50 mW

115 dB Channel Separation

Operates at 83Oversampling

16-Pin Plastic DIP or SOIC Package



APPLICATIONS

Multimedia Workstations

PC Audio Add-In Boards

Portable CD and DAT Players

Automotive CD and DAT Players

Noise Cancellation




Similar Part No. - AD1866R

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1866R AD-AD1866R Datasheet
251Kb / 12P
Single Supply Dual 16-Bit Audio DAC
AD1866R-REEL AD-AD1866R-REEL Datasheet
251Kb / 12P
Single Supply Dual 16-Bit Audio DAC
More results


Similar Description - AD1866R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
TDA1541 PHILIPS-TDA1541 Datasheet
91Kb / 12P
Dual 16-bit DAC
November 1985
logo
Analog Devices
AD1866 AD-AD1866 Datasheet
251Kb / 12P
Single Supply Dual 16-Bit Audio DAC
AD1868 AD-AD1868 Datasheet
246Kb / 12P
Single Supply Dual 18-Bit Audio DAC
logo
MOSA ELECTRONICS
MS6336 MOSA-MS6336 Datasheet
699Kb / 18P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
MS6333 MOSA-MS6333_1 Datasheet
302Kb / 13P
16-Bit Stereo Audio DAC & Headphone Driver Single Supply Voltage and Low Voltage
MS6336 MOSA-MS6336_1 Datasheet
743Kb / 21P
16-bit Stereo Audio DAC Dual 1.6W Power Amplifiers
logo
Analog Devices
AD1856 AD-AD1856 Datasheet
870Kb / 8P
16-BIT PCM Audio DAC
REV. B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com