Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1868 Datasheet (PDF) - Analog Devices

AD1868 Datasheet PDF - Analog Devices
Part # AD1868
Download  AD1868 Download
File Size   246.65 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply Dual 18-Bit Audio DAC

AD1868 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1868 Datasheet PDF - Analog Devices

Part # AD1868
Download  AD1868 Click to download

File Size   246.65 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Single Supply Dual 18-Bit Audio DAC

AD1868 Datasheet (HTML) - Analog Devices


AD1868 Product details

PRODUCT DESCRIPTION

The AD1868 is a complete dual 18-bit DAC offering excellent performance while requiring a single +5 V power supply. It is fabricated on Analog Devices’ ABCMOS wafer fabrication process. The monolithic chip includes CMOS logic elements, bipolar and MOS linear elements, and laser-trimmed thin-film resistor elements. Careful design and layout techniques have resulted in low distortion, low noise, high channel separation, and low power dissipation.



FEATURES

Dual Serial Input, Voltage Output DACs

Single +5 V Supply

0.004% THD+N (typ)

Low Power: 50 mW (typ)

108 dB Channel Separation (min)

Operates at 83Oversampling

16-Pin Plastic DIP or SOIC Package



APPLICATIONS

Portable Compact Disc Players

Portable DAT Players and Recorders

Automotive Compact Disc Players

Automotive DAT Players

Multimedia Workstations




Similar Part No. - AD1868

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1868 AD-AD1868 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results


Similar Description - AD1868

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859 Datasheet
302Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
AD1864 AD-AD1864 Datasheet
302Kb / 12P
Complete Dual 18-Bit Audio DAC
AD1866 AD-AD1866 Datasheet
251Kb / 12P
Single Supply Dual 16-Bit Audio DAC
AD1866RZ AD-AD1866RZ Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1866 AD-AD1866_15 Datasheet
183Kb / 12P
Single Supply Dual 16-Bit Audio DAC
REV. 0
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com