Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1864 Datasheet (PDF) - Analog Devices

AD1864 Datasheet PDF - Analog Devices
Part # AD1864
Download  AD1864 Download
File Size   302.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual 18-Bit Audio DAC

AD1864 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1864 Datasheet PDF - Analog Devices

Part # AD1864
Download  AD1864 Click to download

File Size   302.98 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Complete Dual 18-Bit Audio DAC

AD1864 Datasheet (HTML) - Analog Devices


AD1864 Product details

PRODUCT DESCRIPTION

The AD1864 is a complete dual 18-bit DAC offering excellent THD+N, while requiring no external components. Two complete signal channels are included. This results in cophased voltage or current output signals and eliminates the need for output demultiplexing circuitry. The monolithic AD1864 chip includes CMOS logic elements, bipolar and MOS linear elements and laser-trimmed thin-film resistor elements, all fabricated on Analog Devices BiMOS II process.



FEATURES

Dual Serial Input, Voltage Output DACs

No External Components Required

Operates at 8 x Oversampling per Channel

±5 V to ±12 V Operation

Cophased Outputs

115 dB Channel Separation

±0.3% Interchannel Gain Matching

0.0017% THD+N



APPLICATIONS

Multichannel Audio Applications:

Compact Disc Players

Multivoice Keyboard Instruments

DAT Players and Recorders

Digital Mixing Consoles

Multimedia Workstations




Similar Part No. - AD1864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
More results


Similar Description - AD1864

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1865 AD-AD1865 Datasheet
149Kb / 12P
Complete Dual 18-Bit 16 x Fs Audio DAC
AD1868 AD-AD1868 Datasheet
246Kb / 12P
Single Supply Dual 18-Bit Audio DAC
logo
Maxim Integrated Produc...
MX7845 MAXIM-MX7845 Datasheet
145Kb / 4P
Complete, 12-Bit Multiplying DAC
19-3986; Rev 0; 10/91
logo
Analog Devices
AD7840 AD-AD7840 Datasheet
338Kb / 16P
LC2MOS Complete 14-Bit DAC
REV.B
AD1865N-K AD-AD1865N-K Datasheet
693Kb / 12P
Complete Dual 18-Bit 16 x FS Audio DAC
REV. 0
AD8582ANZ AD-AD8582ANZ Datasheet
192Kb / 8P
5 Volt, Parallel Input Complete Dual 12-Bit DAC
REV. 0
logo
API Technologies Corp
DAC9377 APITECH-DAC9377 Datasheet
2Mb / 3P
Complete Buffered 16-Bit DAC
logo
Analog Devices
AD1864 AD-AD1864_15 Datasheet
564Kb / 12P
COMPLETE DUAL 18 BIT AUDIO DAC
REV. A
AD1865 AD-AD1865_15 Datasheet
693Kb / 12P
Complete Dual 18-Bit 16FS Audio DAC
REV. 0
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com