Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1864 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1864
Description  Complete Dual 18-Bit Audio DAC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1864 Datasheet(HTML) 2 Page - Analog Devices

  AD1864 Datasheet HTML 1Page - Analog Devices AD1864 Datasheet HTML 2Page - Analog Devices AD1864 Datasheet HTML 3Page - Analog Devices AD1864 Datasheet HTML 4Page - Analog Devices AD1864 Datasheet HTML 5Page - Analog Devices AD1864 Datasheet HTML 6Page - Analog Devices AD1864 Datasheet HTML 7Page - Analog Devices AD1864 Datasheet HTML 8Page - Analog Devices AD1864 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
–2–
REV. A
AD1864–SPECIFICATIONS
(TA = +25 C,
VL =
VS =
5 V, FS = 352.8 kHz, without MSB adjustment
unless otherwise noted)
Min
Typ
Max
Units
RESOLUTION
18
Bits
DIGITAL INPUTS
VIH
2.0
+VL
V
VIL
0.8
V
IIH, VIH = +VL
1.0
µA
IIL, VIL = 0.4 V
–10
µA
Clock Input Frequency
12.7
MHz
ACCURACY
Gain Error
0.4
1.0
% of FSR
Interchannel Gain Matching
0.3
0.8
% of FSR
Midscale Error
4
mV
Interchannel Midscale Matching
5
mV
Gain Linearity Error (0 dB to –90 dB)
<2
dB
DRIFT (0
°C to +70°C)
Gain Drift
±25
ppm of FSR/
°C
Midscale Drift
±4
ppm of FSR/
°C
TOTAL HARMONIC DISTORTION + NOISE*
0 dB, 990.5 Hz
AD1864N, P
0.004
0.006
%
AD1864N-J, P-J
0.003
0.004
%
AD1864N-K
0.0017
0.0025
%
—20 dB, 990.5 Hz
AD1864N, P
0.010
0.040
%
AD1864N-J, P-J
0.010
0.020
%
AD1864N-K
0.010
0.020
%
—60 dB, 990.5 Hz
AD1864N, P
1.0
4.0
%
AD1864N-J, P-J
1.0
2.0
%
AD1864N-K
1.0
2.0
%
CHANNEL SEPARATION*
0 dB, 990.5 Hz
110
115
dB
SIGNAL-TO-NOISE RATIO*
(20 Hz to 30 kHz) N, N-J, N-K
102
108
dB
P, P-J
95
108
dB
D-RANGE* (WITH A-WEIGHT FILTER)
–60 dB, 990.5 Hz
AD1864N, P
88
100
dB
AD1864N-J, P-J
94
100
dB
AD1864N-K
94
100
dB
OUTPUT
Voltage Output Configuration
Output Range (
±3%)
2.88
±3.0
3.12
V
Output Impedance
0.1
Ω
Load Current
± 8mA
Short-Circuit Duration
Indefinite to Common
Current Output Configuration
Bipolar Output Range (
±30%)
±1mA
Output Impedance (
±30%)
1.7
k
Ω
POWER SUPPLY
+VL and +VS
4.75
5.0
13.2
V
–VL and –VS
–13.2
–5.0
–4.75
V
+I, (+VL and +VS = +5 V)
22
25
mA
–I, (–VL and –VS = –5 V)
–23
–28
mA
POWER DISSIPATION,
±V
L =
±V
S =
±5 V
225
265
mW
TEMPERATURE RANGE
Specification
0
+25
+70
°C
Operation
–25
+70
°C
Storage
–60
+100
°C
WARM-UP TIME
1
min
NOTES
Specifications shown in boldface are tested on production units at final test without optional MSB adjustment.
*Tested in accordance with EIAJ Test Standard CP-307 with 18-bit data.
Specifications subject to cha
nge without notice.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com