Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1859 Datasheet (PDF) - Analog Devices

AD1859 Datasheet PDF - Analog Devices
Part # AD1859
Download  AD1859 Download
File Size   302.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Single-Supply 18-Bit Integrated DAC

AD1859 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD1859 Datasheet PDF - Analog Devices

Part # AD1859
Download  AD1859 Click to download

File Size   302.94 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Stereo, Single-Supply 18-Bit Integrated DAC

AD1859 Datasheet (HTML) - Analog Devices


AD1859 Product details

PRODUCT OVERVIEW
The AD1859 is a complete 16-/18-bit single-chip stereo digital audio playback subsystem.
   
FEATURES
    Complete, Low Cost Stereo DAC System in a Single Die
        Package
    Variable Rate Oversampling Interpolation Filter
    Multibit SD Modulator with Triangular PDF Dither
    Discrete and Continuous Time Analog Reconstruction
        Filters
    Extremely Low Out-of-Band Energy
    64 Step (1 dB/Step) Analog Attenuator with Mute
    Buffered Outputs with 2 kV Output Load Drive
    Rejects Sample Clock Jitter
    94 dB Dynamic Range, –88 dB THD+N Performance
    Option for Analog De-emphasis Processing with
        External Passive Components
    60.18 Maximum Phase Linearity Deviation
    Continuously Variable Sample Rate Support
    Digital Phase Locked Loop Based Asynchronous Master
        Clock
    On-Chip Master Clock Oscillator, Only External Crystal
        Is Required
    Power-Down Mode
    Flexible Serial Data Port (I2S-Justified, Left-Justified,
        Right-Justified and DSP Serial Port Modes)
    SPI* Compatible Serial Control Port
    Single +5 V Supply
    28-Pin SOIC and SSOP Packages
   
APPLICATIONS
    Digital Cable TV and Direct Broadcast Satellite Set-Top
        Decoder Boxes
    Digital Video Disc, Video CD and CD-I Players
    High Definition Televisions, Digital Audio Broadcast
        Receivers
    CD, CD-R, DAT, DCC, ATAPI CD-ROM and MD Players
    Digital Audio Workstations, Computer Multimedia
        Products
   




Similar Part No. - AD1859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
More results


Similar Description - AD1859

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1857 AD-AD1857 Datasheet
263Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
AD1868 AD-AD1868 Datasheet
246Kb / 12P
Single Supply Dual 18-Bit Audio DAC
AD1870 AD-AD1870 Datasheet
276Kb / 20P
Single-Supply 16-Bit Stereo ADC
AD1857JRSZ AD-AD1857JRSZ Datasheet
177Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1857 AD-AD1857_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1858 AD-AD1858_15 Datasheet
266Kb / 16P
Stereo, Single Supply 16-, 18- and 20-Bit Sigma-Delta DACs
REV. 0
AD1859 AD-AD1859_15 Datasheet
305Kb / 16P
Stereo, Single-Supply 18-Bit Integrated DAC
REV. A
AD1868 AD-AD1868_15 Datasheet
250Kb / 12P
Single Supply Dual 18-Bit Audio DAC
REV. A
AD1870 AD-AD1870_15 Datasheet
282Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
AD1877 AD-AD1877_15 Datasheet
240Kb / 20P
Single-Supply 16-Bit Stereo ADC
REV. A
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com