Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1859 Datasheet(PDF) 2 Page - Analog Devices

Part # AD1859
Description  Stereo, Single-Supply 18-Bit Integrated DAC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1859 Datasheet(HTML) 2 Page - Analog Devices

  AD1859 Datasheet HTML 1Page - Analog Devices AD1859 Datasheet HTML 2Page - Analog Devices AD1859 Datasheet HTML 3Page - Analog Devices AD1859 Datasheet HTML 4Page - Analog Devices AD1859 Datasheet HTML 5Page - Analog Devices AD1859 Datasheet HTML 6Page - Analog Devices AD1859 Datasheet HTML 7Page - Analog Devices AD1859 Datasheet HTML 8Page - Analog Devices AD1859 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
TEST CONDITIONS UNLESS OTHERWISE NOTED
Supply Voltages (AVDD, DVDD)
+5.0
V
Ambient Temperature
25
°C
Input Clock (FMCLK)
27.1656
MHz
Input Signal
1001.2938 Hz
–0.5
dB Full Scale
Input Sample Rate
44.1
kHz
Measurement Bandwidth
10 Hz to 20 kHz
Input Data Word Width
18
Bits
Load Capacitance
100
pF
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
NOTES
I
2S-Justified Mode (Ref. Figure 3).
Device Under Test (DUT) is bypassed, decoupled and dc-coupled as shown in Figure 17 (no de-emphasis circuit).
Performance of the right and left channels are identical (exclusive of “Interchannel Gain Mismatch” and “Interchannel Phase Deviation” specifications).
Attenuation setting is 0 dB.
Values in bold typeface are tested; all others are guaranteed, not tested.
ANALOG PERFORMANCE
Min
Typ
Max
Units
Resolution
18
Bits
Dynamic Range (20 to 20 kHz, –60 dB Input)
(No A-Weight Filter)
85.7
91
dB
(With A-Weight Filter)
88
94
dB
Total Harmonic Distortion + Noise
–88
–84
dB
0.004
0.0063
%
Analog Outputs
Single-Ended Output Range (
±Full Scale)
2.8
3.0
3.2
V p-p
Output Impedance at Each Output Pin
17
24
Ω
Output Capacitance at Each Output Pin
20
pF
External Load Impedance (THD +N
≤ –84 dB)
750
2K
Ω
Out-of-Band Energy (0.5
× F
S to 100 kHz)
–72.5
dB
CMOUT
2.05
2.25
2.45
V
DC Accuracy
Gain Error
±1
5
%
Interchannel Gain Mismatch
0.01
0.225
dB
Gain Drift
140
270
ppm/
°C
Interchannel Crosstalk (EIAJ Method)
101
dB
Interchannel Phase Deviation
±0.1
Degrees
Attenuator Step Size
0.6
1.0
1.4
dB
Attenuator Range Span
–61.5
–62.5
–63.5
dB
Mute Attenuation
–70
–74.2
dB
De-Emphasis Switch (EMPL, EMPR) DC Resistance
3
10
50
Ω
DIGITAL INPUTS
Min
Typ
Max
Units
Input Voltage HI (VIH)
2.4
V
Input Voltage LO (VIL)
0.8
V
Input Leakage (IIH @ VIH = 2.4 V)
1
6
µA
Input Leakage (IIL @ VIL = 0.8 V)
1
6
µA
Input Capacitance
20
pF
REV. A
–2–
AD1859–SPECIFICATIONS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com