Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5338ARM Datasheet (PDF) - Analog Devices

AD5338ARM Datasheet PDF - Analog Devices
Part # AD5338ARM
Download  AD5338ARM Download
File Size   593.87 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 250 muA, 2-Wire Interface

AD5338ARM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5338ARM Datasheet PDF - Analog Devices

Part # AD5338ARM
Download  AD5338ARM Click to download

File Size   593.87 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 2.5 V to 5.5 V, 250 muA, 2-Wire Interface

AD5338ARM Datasheet (HTML) - Analog Devices


AD5338ARM Product details

GENERAL DESCRIPTION
The AD5337/AD5338/AD5339 are dual 8-, 10-, and 12-bit buffered voltage output DACs, respectively. Each part is housed in an 8-lead MSOP package and operates from a single 2.5 V to 5.5 V supply, consuming 250 μA at 3 V. On-chip output amplifiers allow rail-to-rail output swing with a slew rate of 0.7 V/μs. A 2-wire serial interface operates at clock rates up to 400 kHz. This interface is SMBus compatible at VDD < 3.6 V. Multiple devices can be placed on the same bus.

FEATURES
    AD5337
        2 buffered 8-bit DACs in 8-lead MSOP
    AD5338, AD5338-1
        2 buffered 10-bit DACs in 8-lead MSOP
    AD5339
        2 buffered 12-bit DACs in 8-lead MSOP
    Low power operation: 250 μA @ 3 V, 300 μA @ 5 V
    2-wire (I2C-compatible) serial interface
    2.5 V to 5.5 V power supply
    Guaranteed monotonic by design over all codes
    Power-down to 80 nA @ 3 V, 200 nA @ 5 V
    3 power-down modes
    Double-buffered input logic
    Output range: 0 V to VREF
    Power-on reset to 0 V
    Simultaneous update of outputs (LDAC function)
    Software clear facility
    Data readback facility
    On-chip rail-to-rail output buffer amplifiers
    Temperature range: −40°C to +105°C

APPLICATIONS
    Portable battery-powered instruments
    Digital gain and offset adjustment
    Programmable voltage and current sources
    Programmable attenuators
    Industrial process control




Similar Part No. - AD5338ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5338ARM AD-AD5338ARM Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARM-REEL7 AD-AD5338ARM-REEL7 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARMZ-1 AD-AD5338ARMZ-1 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5338ARMZ-1REEL7 AD-AD5338ARMZ-1REEL7 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
More results


Similar Description - AD5338ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5346 AD-AD5346 Datasheet
949Kb / 24P
2.5 V to 5.5 V, Parallel Interface 2.5 V to 5.5 V, Parallel Interface
AD5337 AD-AD5337 Datasheet
654Kb / 24P
2.5 V to 5.5 V, 250 UA, 2-Wire Interface Dual-Voltage Output, 8-/10-/12-Bit DACs
10/04-Changed Data Sheet from Rev. 0 to Rev. A
AD5315BRMZ AD-AD5315BRMZ Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 muA, 2-Wire Interface Quad Voltage Output, 8-/10-/12-Bit DACs
Rev. G
AD5317BRU AD-AD5317BRU Datasheet
585Kb / 28P
2.5 V to 5.5 V, 400 muA, Quad Voltage Output
REV. C
AD5334BRUZ AD-AD5334BRUZ Datasheet
384Kb / 20P
2.5 V to 5.5 V, 500 muA, Parallel Interface
REV. 0
AD5305 AD-AD5305_06 Datasheet
565Kb / 24P
2.5 V to 5.5 V, 500 關A, 2-Wire Interface Interface
Rev. G
AD5342BRUZ AD-AD5342BRUZ Datasheet
327Kb / 20P
2.5 V to 5.5 V, 230 muA, Parallel Interface Dual Voltage-Output 8-/10-/12-Bit DACs
REV. 0
AD5337 AD-AD5337_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5338 AD-AD5338_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
AD5339 AD-AD5339_15 Datasheet
593Kb / 28P
2.5 V to 5.5 V, 250A, 2-Wire Interface, Dual Voltage Output, 8-/10-/12-Bit DACs
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com