Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD7880BN Datasheet (PDF) - Analog Devices

AD7880BN Datasheet PDF - Analog Devices
Part # AD7880BN
Download  AD7880BN Download
File Size   340.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC

AD7880BN Datasheet (PDF)

Go To PDF Page Download Datasheet
AD7880BN Datasheet PDF - Analog Devices

Part # AD7880BN
Download  AD7880BN Click to download

File Size   340.29 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC

AD7880BN Datasheet (HTML) - Analog Devices


AD7880BN Product details

GENERAL DESCRIPTION
The AD7880 is a high speed, low power, 12-bit A/D converter which operates from a single +5 V supply. It consists of a 3 µs track/hold amplifier, a 12 µs successive-approximation ADC, versatile interface logic and a multiple-input-range circuit. The part also includes a power save feature.

FEATURES
    12-Bit Monolithic A/D Converter
    66 kHz Throughput Rate
        12 μs Conversion Time
        3 μs On-Chip Track/Hold Amplifier
    Low Power
        Power Save Mode: 2 mW typ
        Normal Operation: 25 mW typ
    70 dB SNR
    Fast Data Access Time: 57 ns
    Small 24-Lead SOIC and 0.3" DIP Packages

APPLICATIONS
    Battery Powered Portable Systems
    Digital Signal Processing
    Speech Recognition and Synthesis
    High Speed Modems
    Control and Instrumentation




Similar Part No. - AD7880BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7880BN AD-AD7880BN Datasheet
337Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV.0
AD7880BN AD-AD7880BN Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
More results


Similar Description - AD7880BN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD7870A AD-AD7870A Datasheet
250Kb / 12P
LC2MOS Complete, 12-Bit, 100 kHz , Sampling ADC
REV.0
AD7880 AD-AD7880 Datasheet
337Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV.0
AD7883 AD-AD7883 Datasheet
349Kb / 12P
LC2MOS 12-Bit, 3.3 V Sampling ADC
REV.0
AD7892 AD-AD7892 Datasheet
144Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV.C
AD7892BNZ-1 AD-AD7892BNZ-1 Datasheet
146Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7880CRZ AD-AD7880CRZ Datasheet
253Kb / 16P
LC2MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7858ARZ AD-AD7858ARZ Datasheet
306Kb / 32P
3 V to 5 V Single Supply, 200 kSPS 8-Channel, 12-Bit Sampling ADC
REV. B
AD7892BRZ-1 AD-AD7892BRZ-1 Datasheet
135Kb / 14P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
REV. C
AD7880 AD-AD7880_15 Datasheet
340Kb / 16P
LC MOS Single 5 V Supply, Low Power, 12-Bit Sampling ADC
REV. 0
AD7892 AD-AD7892_17 Datasheet
178Kb / 15P
LC2MOS Single Supply, 12-Bit 600 kSPS ADC
23-Feb-2017
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com