Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8180AR Datasheet (PDF) - Analog Devices

AD8180AR Datasheet PDF - Analog Devices
Part # AD8180AR
Download  AD8180AR Download
File Size   256.25 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 750 MHz, 3.8 mA 10 ns Switching Multiplexers

AD8180AR Datasheet (PDF)

Go To PDF Page Download Datasheet
AD8180AR Datasheet PDF - Analog Devices

Part # AD8180AR
Download  AD8180AR Click to download

File Size   256.25 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 750 MHz, 3.8 mA 10 ns Switching Multiplexers

AD8180AR Datasheet (HTML) - Analog Devices


AD8180AR Product details

PRODUCT DESCRIPTION
The AD8180 (single) and AD8182 (dual) are high speed 2-to-1 multiplexers. They offer –3 dB signal bandwidth greater than 750 MHz along with slew rate of 750 V/µs. With better than 80 dB of crosstalk and isolation, they are useful in many high speed applications. The differential gain and differential phase error of 0.02% and 0.02°, along with 0.1 dB flatness beyond 100 MHz make the AD8180 and AD8182 ideal for professional video multiplexing. They offer 10 ns switching time making them an excellent choice for pixel switching (picture-in-picture) while consuming less than 3.8 mA (per 2:1 mux) on ±5 V supply voltages.
Both devices offer a high speed disable feature allowing the output to be configured into a high impedance state. This al lows multiple outputs to be connected together for cascading stages while the “OFF” channels do not load the output bus. They operate on voltage supplies of ±5 V and are offered in 8- and 14-lead plastic DIP and SOIC packages.

FEATURES
   Fully Buffered Inputs and Outputs
   Fast Channel Switching: 10 ns
   High Speed
      > 750 MHz Bandwidth (–3 dB)
      750 V/μs Slew Rate
      Fast Settling Time of 14 ns to 0.1%
   Low Power: 3.8 mA (AD8180), 6.8 mA (AD8182)
   Excellent Video Specifications (RL ≥ 1 kΩ)
      Gain Flatness of 0.1 dB Beyond 100 MHz
      0.02% Differential Gain Error
      0.02° Differential Phase Error
   Low Glitch: < 35 mV
   Low All-Hostile Crosstalk of –80 dB @ 5 MHz
   High “OFF” Isolation of –90 dB @ 5 MHz
   Low Cost
   Fast Output Disable Feature for Connecting Multiple Devices
  
APPLICATIONS
   Pixel Switching for “Picture-In-Picture”
   Switching in LCD and Plasma Displays
   Video Switchers and Routers




Similar Part No. - AD8180AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8180AR AD-AD8180AR Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
AD8180AR AD-AD8180AR Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180AR-REEL AD-AD8180AR-REEL Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
AD8180AR-REEL AD-AD8180AR-REEL Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180AR-REEL7 AD-AD8180AR-REEL7 Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
More results


Similar Description - AD8180AR

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8170 AD-AD8170 Datasheet
474Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV.0
AD8180 AD-AD8180 Datasheet
253Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV.B
ADP3088 AD-ADP3088 Datasheet
623Kb / 11P
1 MHz, 750 mA Buck Regulator
AD8174ARZ AD-AD8174ARZ Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8170ARZ AD-AD8170ARZ Datasheet
476Kb / 16P
250 MHz, 10 ns Switching Multiplexers w/Amplifier
REV. 0
AD8180ARZ AD-AD8180ARZ Datasheet
256Kb / 12P
750 MHz, 3.8 mA 10 ns Switching Multiplexers
REV. B
AD8180 AD-AD8180_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
AD8182 AD-AD8182_15 Datasheet
256Kb / 12P
10 ns Switching Multiplexers
REV. B
ADP3088 AD-ADP3088_15 Datasheet
1Mb / 16P
1 MHz, 750 mA Buck Regulator
REV. C
logo
TAI-SAW TECHNOLOGY CO.,...
TC0648B TAI-SAW-TC0648B Datasheet
394Kb / 6P
750 MHz SMD 3.8 x 3.8 mm SAW Resonator
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com