Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADR293GRUZ Datasheet (PDF) - Analog Devices

ADR293GRUZ Datasheet PDF - Analog Devices
Part # ADR293GRUZ
Download  ADR293GRUZ Download
File Size   261.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Micropower 5.0 V Precision Voltage Reference

ADR293GRUZ Datasheet (PDF)

Go To PDF Page Download Datasheet
ADR293GRUZ Datasheet PDF - Analog Devices

Part # ADR293GRUZ
Download  ADR293GRUZ Click to download

File Size   261.97 Kbytes
Page   12 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Low Noise, Micropower 5.0 V Precision Voltage Reference

ADR293GRUZ Datasheet (HTML) - Analog Devices


ADR293GRUZ Product details

GENERAL DESCRIPTION

The ADR293 is a low noise, micropower precision voltage reference that utilizes an XFET® (eXtra implanted junction FET) reference circuit. The XFET architecture offers significant performance improvements over traditional band gap and buried Zener-based references. Improvements include one quarter the voltage noise output of band gap references operating at the same current, very low and ultralinear temperature drift, low thermal hysteresis, and excellent long term stability.



FEATURES

6.0 V to 15 V supply range

Supply current: 15 μA maximum

Low noise: 15 μV p-p typical (0.1 Hz to 10 Hz)

High output current: 5 mA

Temperature range: −40°C to +125°C

Pin-compatible with the REF02/REF19x



APPLICATIONS

Portable instrumentation

Precision reference for 5 V systems

ADC and DAC reference

Solar-powered applications

Loop-current powered instruments




Similar Part No. - ADR293GRUZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR293GRU-REEL AD-ADR293GRU-REEL Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
ADR293GRU-REEL7 AD-ADR293GRU-REEL7 Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
More results


Similar Description - ADR293GRUZ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM4130 NSC-LM4130 Datasheet
264Kb / 12P
Precision Micropower Low Dropout Voltage Reference
logo
Zetex Semiconductors
ZRB500 ZETEX-ZRB500 Datasheet
143Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Analog Devices
ADR293 AD-ADR293 Datasheet
159Kb / 11P
Low Noise Micropower Precision Voltage Reference
REV.0
logo
Zetex Semiconductors
ZREF50 ZETEX-ZREF50 Datasheet
67Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Analog Devices
ADR293GRZ AD-ADR293GRZ Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
ADR293-EP AD-ADR293-EP Datasheet
182Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. 0
logo
Diodes Incorporated
ZREF50 DIODES-ZREF50 Datasheet
78Kb / 4P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
FEBRUARY 1998
logo
Analog Devices
ADR293 AD-ADR293_15 Datasheet
261Kb / 12P
Low Noise, Micropower 5.0 V Precision Voltage Reference
REV. D
logo
Texas Instruments
LM4125 TI-LM4125_15 Datasheet
988Kb / 18P
Precision Micropower Low Dropout Voltage Reference
logo
Diodes Incorporated
ZR4040_5.0 DIODES-ZR4040_5.0 Datasheet
98Kb / 5P
PRECISION 5.0 VOLT MICROPOWER VOLTAGE REFERENCE
Rev Package
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com