Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8248FS Datasheet (PDF) - Analog Devices

DAC8248FS Datasheet PDF - Analog Devices
Part # DAC8248FS
Download  DAC8248FS Download
File Size   352.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter

DAC8248FS Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8248FS Datasheet PDF - Analog Devices

Part # DAC8248FS
Download  DAC8248FS Click to download

File Size   352.35 Kbytes
Page   16 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter

DAC8248FS Datasheet (HTML) - Analog Devices


DAC8248FS Product details

GENERAL DESCRIPTION
The DAC8248 is a dual 12-bit, double-buffered, CMOS digitalto-analog converter. It has an 8-bit wide input data port that interfaces directly with 8-bit microprocessors. It loads a 12-bit word in two bytes using a single control; it can accept either a least significant byte or most significant byte first. For designs with a 12-bit or 16-bit wide data path, choose the DAC8222 or DAC8221.
   
FEATURES
    Two Matched 12-Bit DACs on One Chip
    12-Bit Resolution with an 8-Bit Data Bus
    Direct Interface with 8-Bit Microprocessors
    Double-Buffered Digital Inputs
    RESET to Zero Pin
    12-Bit Endpoint Linearity (±1/2 LSB) Over Temperature
    +5 V to +15 V Single Supply Operation
    Latch-Up Resistant
    Improved ESD Resistance
    Packaged in a Narrow 0.3" 24-Pin DIP and 0.3" 24-Pin SOL Package
    Available in Die Form
   
APPLICATIONS
    Multichannel Microprocessor-Controlled Systems
    Robotics/Process Control/Automation
    Automatic Test Equipment
    Programmable Attenuator, Power Supplies, Window Comparators
    Instrumentation Equipment
    Battery Operated Equipment
   




Similar Part No. - DAC8248FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8248FP AD-DAC8248FP Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8248FW AD-DAC8248FW Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
More results


Similar Description - DAC8248FS

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8221 AD-DAC8221 Datasheet
597Kb / 16P
Dual 12-Bit Buffered Multiplying CMOS D/A Converter
DAC8222 AD-DAC8222 Datasheet
491Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV.C
DAC8248 AD-DAC8248 Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
PM-7645 AD-PM-7645 Datasheet
348Kb / 11P
12-Bit Buffered Miltiplying CMOS D/A Converter
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
logo
List of Unclassifed Man...
PM7528FS ETC-PM7528FS Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLING CMOS D/A CONVERTER
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
DAC8248 AD-DAC8248_15 Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com