Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222 Datasheet (PDF) - Analog Devices

DAC8222 Datasheet PDF - Analog Devices
Part # DAC8222
Download  DAC8222 Download
File Size   491.94 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter

DAC8222 Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC8222 Datasheet PDF - Analog Devices

Part # DAC8222
Download  DAC8222 Click to download

File Size   491.94 Kbytes
Page   15 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter

DAC8222 Datasheet (HTML) - Analog Devices


DAC8222 Product details

GENERAL DESCRIPTION
The DAC8222 is a dual 12-bit, double-buffered, CMOS digital-to-analog converter. It has a 12-bit wide data port that allows a 12-bit word to be loaded directly.
   
FEATURES
    Two Matched 12-Bit DACs on One Chip
    Direct Parallel Load of All 12 Bits for High Data
        Throughput
    Double-Buffered Digital Inputs
    12-Bit Endpoint Linearity (±1/2 LSB) Over Temperature
    +5 V to +15 V Single Supply Operation
    DACs Matched to 1% Max
    Four-Quadrant Multiplication
    Improved ESD Resistance
    Packaged in a Narrow 0.3" 24-Lead DIP and 0.3"
        24- Lead SOL Package
    Available in Die Form
   
APPLICATIONS
    Automatic Test Equipment
    Robotics/Process Control/Automation
    Digital Gain/Attenuation Control
    Ideal for Battery-Operated Equipment
   




Similar Part No. - DAC8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
More results


Similar Description - DAC8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8221 AD-DAC8221 Datasheet
597Kb / 16P
Dual 12-Bit Buffered Multiplying CMOS D/A Converter
DAC8248 AD-DAC8248 Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
PM7545 AD-PM7545 Datasheet
520Kb / 12P
12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
DAC8248FS AD-DAC8248FS Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
Analog Devices
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com