Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC8222 Datasheet(PDF) 1 Page - Analog Devices

Part # DAC8222
Description  Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8222 Datasheet(HTML) 1 Page - Analog Devices

  DAC8222 Datasheet HTML 1Page - Analog Devices DAC8222 Datasheet HTML 2Page - Analog Devices DAC8222 Datasheet HTML 3Page - Analog Devices DAC8222 Datasheet HTML 4Page - Analog Devices DAC8222 Datasheet HTML 5Page - Analog Devices DAC8222 Datasheet HTML 6Page - Analog Devices DAC8222 Datasheet HTML 7Page - Analog Devices DAC8222 Datasheet HTML 8Page - Analog Devices DAC8222 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
REV. C
Information furnished by Analog Devices is believed to be accurate and
reliable. However, no responsibility is assumed by Analog Devices for its
use, nor for any infringements of patents or other rights of third parties
which may result from its use. No license is granted by implication or
otherwise under any patent or patent rights of Analog Devices.
a
Dual 12-Bit Double-Buffered
Multiplying CMOS D/A Converter
DAC8222
FEATURES
Two Matched 12-Bit DACs on One Chip
Direct Parallel Load of All 12 Bits for High Data
Throughput
Double-Buffered Digital Inputs
12-Bit Endpoint Linearity ( 1/2 LSB) Over Temperature
+5 V to +15 V Single Supply Operation
DACs Matched to 1% Max
Four-Quadrant Multiplication
Improved ESD Resistance
Packaged in a Narrow 0.3" 24-Lead DIP and 0.3"
24- Lead SOL Package
Available in Die Form
APPLICATIONS
Automatic Test Equipment
Robotics/Process Control/Automation
Digital Gain/Attenuation Control
Ideal for Battery-Operated Equipment
GENERAL DESCRIPTION
The DAC8222 is a dual 12-bit, double-buffered, CMOS digital-
to-analog converter. It has a 12-bit wide data port that allows a
12-bit word to be loaded directly. This achieves faster through-
put time in stand-alone systems or when interfacing to a 16-bit
processor. A common 12-bit input TTL/CMOS compatible
data port is used to load the 12-bit word into either of the two
DACs. This port, whose data loading is similar to that of a RAM’s
write cycle, interfaces directly with most 12-bit and 16-bit bus
systems. (See DAC8248 for a complete 8-bit data bus interface
product.) A common bus allows the DAC8222 to be packaged
in a narrow 24-lead 0.3" DIP and save PCB space.
The DAC is controlled with two signals,
WR and LDAC. With
logic low at these inputs, the DAC registers become transparent.
This allows direct unbuffered data to flow directly to either
DAC output selected by
DAC A/DAC B. Also, the DAC’s
FUNCTIONAL DIAGRAM
double-buffered digital inputs will allow both DACs to be
simultaneously updated.
DAC8222’s monolithic construction offers excellent DAC-to-
DAC matching and tracking over the full operating tempera-
ture range. The chip consists of two thin-film R-2R resistor
ladder networks, four 12-bit registers, and DAC control logic
circuitry. The device has separate reference-input and feedback
resistors for each DAC and operates on a single supply from
+5 V to +15 V. Maximum power dissipation at +5 V using
zero or VDD logic levels is less than 0.5 mW.
The DAC8222 is manufactured with highly stable thin-film re-
sistors on an advanced oxide-isolated, silicon-gate, CMOS
technology. Improved latch-up resistant design eliminates the
need for external protective Schottky diodes.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781/329-4700
World Wide Web Site: http://www.analog.com
Fax: 781/326-8703
© Analog Devices, Inc., 2000


Similar Part No. - DAC8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
More results

Similar Description - DAC8222

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8221 AD-DAC8221 Datasheet
597Kb / 16P
Dual 12-Bit Buffered Multiplying CMOS D/A Converter
DAC8248 AD-DAC8248 Datasheet
350Kb / 16P
Dual 12-Bit 8-Bit Byte Double-Buffered CMOS D/A Converter
REV.B
PM7545 AD-PM7545 Datasheet
520Kb / 12P
12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
REV. C
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
DAC8248FS AD-DAC8248FS Datasheet
352Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
DAC8248FPZ AD-DAC8248FPZ Datasheet
362Kb / 16P
Dual 12-Bit (8-Bit Byte) Double-Buffered CMOS D/A Converter
REV. B
logo
List of Unclassifed Man...
PM7545HPZ ETC2-PM7545HPZ Datasheet
3Mb / 11P
12-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTERS
logo
Analog Devices
DAC8222 AD-DAC8222_15 Datasheet
497Kb / 15P
Dual 12-Bit Double-Buffered Multiplying CMOS D/A Converter
REV. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com