Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PJ-049 Datasheet (PDF) - CUI INC

PJ-049 Datasheet PDF - CUI INC
Part # PJ-049
Download  PJ-049 Download
File Size   261.45 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description INSULATION RESISTANCE: 100M OHMS MIN : 500V DC

PJ-049 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJ-049 Datasheet PDF - CUI INC

Part # PJ-049
Download  PJ-049 Click to download

File Size   261.45 Kbytes
Page   1 Pages
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC
Description INSULATION RESISTANCE: 100M OHMS MIN : 500V DC

PJ-049 Datasheet (HTML) - CUI INC




Similar Part No. - PJ-049

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
DC POWER JACK
More results


Similar Description - PJ-049

ManufacturerPart #DatasheetDescription
logo
CUI INC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
logo
E-SWITCH
N470000 E-SWITCH-N470000 Datasheet
109Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N802002 E-SWITCH-N802002 Datasheet
81Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N411110 E-SWITCH-N411110 Datasheet
156Kb / 1P
INSULATION RESISTANCE: 100MW MIN @ 500VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
INSULATION RESISTANCE 100M) @ 100VDC
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
More results




About CUI INC


CUI Inc. is a technology company that specializes in the development and manufacture of electronic components and systems. The company is based in Tualatin, Oregon, and has been in operation for over 30 years.

CUI offers a wide range of products, including power supplies, connectors, audio products, sensors, and embedded computers. The company's products are used in various applications, including industrial automation, medical equipment, telecommunications, and consumer electronics.

CUI is known for its focus on innovation and customer satisfaction. The company has a strong commitment to developing new technologies and providing high-quality products and services to its customers. CUI also offers custom design services to customers with specific needs.

In addition to its headquarters in Oregon, CUI has offices and facilities in Asia, Europe, and North America, allowing the company to serve customers around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com