Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N802002 Datasheet (PDF) - E-SWITCH

N802002 Datasheet PDF - E-SWITCH
Part # N802002
Download  N802002 Download
File Size   81.27 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.

N802002 Datasheet (PDF)

Go To PDF Page Download Datasheet
N802002 Datasheet PDF - E-SWITCH

Part # N802002
Download  N802002 Click to download

File Size   81.27 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.

N802002 Datasheet (HTML) - E-SWITCH




Similar Part No. - N802002

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802108 E-SWITCH-N802108 Datasheet
151Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
More results


Similar Description - N802002

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-049 CUI-PJ-049 Datasheet
261Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN : 500V DC
PP-016 CUI-PP-016 Datasheet
215Kb / 1P
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
logo
E-SWITCH
N470000 E-SWITCH-N470000 Datasheet
109Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N411110 E-SWITCH-N411110 Datasheet
156Kb / 1P
INSULATION RESISTANCE: 100MW MIN @ 500VDC
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
INSULATION RESISTANCE 100M) @ 100VDC
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com