Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N211125 Datasheet (PDF) - E-SWITCH

N211125 Datasheet PDF - E-SWITCH
Part # N211125
Download  N211125 Download
File Size   100.72 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE 100M1 @ 100VDC

N211125 Datasheet (PDF)

Go To PDF Page Download Datasheet
N211125 Datasheet PDF - E-SWITCH

Part # N211125
Download  N211125 Click to download

File Size   100.72 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INSULATION RESISTANCE 100M1 @ 100VDC

N211125 Datasheet (HTML) - E-SWITCH




Similar Part No. - N211125

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211121 E-SWITCH-N211121 Datasheet
62Kb / 1P
Packaged : In Dispensing Tube
N211122 E-SWITCH-N211122 Datasheet
64Kb / 1P
Packaged : In Dispensing Tube
N211123 E-SWITCH-N211123 Datasheet
151Kb / 1P
STORAGE TEMP: -40C TO 85C
N211124 E-SWITCH-N211124 Datasheet
105Kb / 1P
INITAL: 50m - TYP. @ 2-4VDC @ 100mA
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
More results


Similar Description - N211125

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N470000 E-SWITCH-N470000 Datasheet
109Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N470001 E-SWITCH-N470001 Datasheet
114Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N802002 E-SWITCH-N802002 Datasheet
81Kb / 1P
INSULATION RESISTANCE: 100 MOHMS MIN @ 100VDC.
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211127 E-SWITCH-N211127 Datasheet
112Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211128 E-SWITCH-N211128 Datasheet
113Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
N211129 E-SWITCH-N211129 Datasheet
93Kb / 1P
INSULATION RESISTANCE 100M) @ 100VDC
logo
DB Lectro Inc
95D DBLECTRO-95D Datasheet
1Mb / 4P
High Insulation Resistance
logo
Keysight Technologies
U1451A KEYSIGHT-U1451A Datasheet
672Kb / 20P
Insulation Resistance Testers
U1453A KEYSIGHT-U1453A Datasheet
672Kb / 20P
Insulation Resistance Testers
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com