Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N211123 Datasheet (PDF) - E-SWITCH

N211123 Datasheet PDF - E-SWITCH
Part # N211123
Download  N211123 Download
File Size   151.99 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description STORAGE TEMP: -40C TO 85C

N211123 Datasheet (PDF)

Go To PDF Page Download Datasheet
N211123 Datasheet PDF - E-SWITCH

Part # N211123
Download  N211123 Click to download

File Size   151.99 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description STORAGE TEMP: -40C TO 85C

N211123 Datasheet (HTML) - E-SWITCH




Similar Part No. - N211123

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211121 E-SWITCH-N211121 Datasheet
62Kb / 1P
Packaged : In Dispensing Tube
N211122 E-SWITCH-N211122 Datasheet
64Kb / 1P
Packaged : In Dispensing Tube
N211124 E-SWITCH-N211124 Datasheet
105Kb / 1P
INITAL: 50m - TYP. @ 2-4VDC @ 100mA
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
More results


Similar Description - N211123

ManufacturerPart #DatasheetDescription
logo
Rohm
BR24CXX-10XU-1.8 ROHM-BR24CXX-10XU-1.8 Datasheet
309Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR24CXX-10XU-2.7 ROHM-BR24CXX-10XU-2.7 Datasheet
294Kb / 6P
Supply voltage 2.7V~5.5V/Operating temperature -40C~85C type
BR24CXX-RXX6TP ROHM-BR24CXX-RXX6TP Datasheet
318Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature ~40C~85C type
BR24CXX-WXX6TP ROHM-BR24CXX-WXX6TP Datasheet
320Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR24CXX-XX6TP ROHM-BR24CXX-XX6TP Datasheet
319Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR25XX0-10XU-1.8 ROHM-BR25XX0-10XU-1.8 Datasheet
347Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR93CXX-XWXX6TP ROHM-BR93CXX-XWXX6TP Datasheet
318Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
BR93CXX-XXX6TP ROHM-BR93CXX-XXX6TP Datasheet
312Kb / 6P
Supply voltage 4.5V~5.5V/Operating temperature -40C~85C type
BR95XX0-RXX6TP ROHM-BR95XX0-RXX6TP Datasheet
320Kb / 6P
Supply voltage 1.8V~5.5V/Operating temperature -40C~85C type
BR95XX0-WXX6TP ROHM-BR95XX0-WXX6TP Datasheet
321Kb / 6P
Supply voltage 2.5V~5.5V/Operating temperature -40C~85C type
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com