Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N211121 Datasheet (PDF) - E-SWITCH

N211121 Datasheet PDF - E-SWITCH
Part # N211121
Download  N211121 Download
File Size   62.5 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description Packaged : In Dispensing Tube

N211121 Datasheet (PDF)

Go To PDF Page Download Datasheet
N211121 Datasheet PDF - E-SWITCH

Part # N211121
Download  N211121 Click to download

File Size   62.5 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description Packaged : In Dispensing Tube

N211121 Datasheet (HTML) - E-SWITCH




Similar Part No. - N211121

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211122 E-SWITCH-N211122 Datasheet
64Kb / 1P
Packaged : In Dispensing Tube
N211123 E-SWITCH-N211123 Datasheet
151Kb / 1P
STORAGE TEMP: -40C TO 85C
N211124 E-SWITCH-N211124 Datasheet
105Kb / 1P
INITAL: 50m - TYP. @ 2-4VDC @ 100mA
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
More results


Similar Description - N211121

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N111201 E-SWITCH-N111201 Datasheet
42Kb / 1P
Packaged : In Dispensing Tube
N111203 E-SWITCH-N111203 Datasheet
47Kb / 1P
Packaged : In Dispensing Tube
N111204 E-SWITCH-N111204 Datasheet
50Kb / 1P
Packaged : In Dispensing Tube
N211021 E-SWITCH-N211021 Datasheet
46Kb / 1P
packaged : In Dispensing Tube
N211051 E-SWITCH-N211051 Datasheet
53Kb / 1P
Packaged : In Dispensing Tube
N211061 E-SWITCH-N211061 Datasheet
54Kb / 1P
Packaged : In Dispensing Tube
N211062 E-SWITCH-N211062 Datasheet
50Kb / 1P
Packaged : In Dispensing Tube
N211070 E-SWITCH-N211070 Datasheet
54Kb / 1P
Packaged : In Dispensing Tube
N211081 E-SWITCH-N211081 Datasheet
56Kb / 1P
Packaged : In Dispensing Tube
N211090 E-SWITCH-N211090 Datasheet
79Kb / 1P
Packaged : In Dispensing Tube
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com