Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N211124 Datasheet (PDF) - E-SWITCH

N211124 Datasheet PDF - E-SWITCH
Part # N211124
Download  N211124 Download
File Size   105.19 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INITAL: 50m - TYP. @ 2-4VDC @ 100mA

N211124 Datasheet (PDF)

Go To PDF Page Download Datasheet
N211124 Datasheet PDF - E-SWITCH

Part # N211124
Download  N211124 Click to download

File Size   105.19 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description INITAL: 50m - TYP. @ 2-4VDC @ 100mA

N211124 Datasheet (HTML) - E-SWITCH




Similar Part No. - N211124

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N211121 E-SWITCH-N211121 Datasheet
62Kb / 1P
Packaged : In Dispensing Tube
N211122 E-SWITCH-N211122 Datasheet
64Kb / 1P
Packaged : In Dispensing Tube
N211123 E-SWITCH-N211123 Datasheet
151Kb / 1P
STORAGE TEMP: -40C TO 85C
N211125 E-SWITCH-N211125 Datasheet
100Kb / 1P
INSULATION RESISTANCE 100M1 @ 100VDC
N211126 E-SWITCH-N211126 Datasheet
110Kb / 1P
INSULATION RESISTANCE 100M OHMS@100VDC
More results


Similar Description - N211124

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
DK-770899-000-W ASSMANN-DK-770899-000-W Datasheet
306Kb / 2P
Frontplatte f체r Keystones, franz. Typ, 2 Einsch체be
logo
CUI INC
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
CONTACT RESISTANCE : 50m OHMS MAX
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
PJ-063BH CUI-PJ-063BH Datasheet
22Kb / 1P
CONTACT RESISTANCE: 50m OHMS MAX
logo
Murata Manufacturing Co...
LLA319R70G225MA01L MURATA-LLA319R70G225MA01L Datasheet
530Kb / 23P
CHIP MONOLITHIC CERAMIC CAPACITOR LLA319R70G225MA01_ (1206, X7R, 2.2uF, 4Vdc)
logo
E-SWITCH
N321083 E-SWITCH-N321083 Datasheet
103Kb / 1P
INITAL: 50m 廓 TYP. @ 2-4VDC @ 100mA
logo
RICOH electronics devic...
RP152 RICOH-RP152 Datasheet
2Mb / 29P
Supply Current Typ. 40 uA x 2
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
logo
Adels-Contact
609950 ADELS-609950 Datasheet
122Kb / 1P
XYFAZ 2x0,5 red black 50m Spule
logo
Shenzhen Huazhimei Semi...
HM9701D HMSEMI-HM9701D Datasheet
600Kb / 4P
50m廓 power switch
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com