Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N802108 Datasheet (PDF) - E-SWITCH

N802108 Datasheet PDF - E-SWITCH
Part # N802108
Download  N802108 Download
File Size   151.65 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description CONTACT RATINGS: 25mA @24VDC. (SWITCH)

N802108 Datasheet (PDF)

Go To PDF Page Download Datasheet
N802108 Datasheet PDF - E-SWITCH

Part # N802108
Download  N802108 Click to download

File Size   151.65 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description CONTACT RATINGS: 25mA @24VDC. (SWITCH)

N802108 Datasheet (HTML) - E-SWITCH




Similar Part No. - N802108

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N802102 E-SWITCH-N802102 Datasheet
77Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
More results


Similar Description - N802108

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N800204 E-SWITCH-N800204 Datasheet
126Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800208 E-SWITCH-N800208 Datasheet
171Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800302 E-SWITCH-N800302 Datasheet
101Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800705 E-SWITCH-N800705 Datasheet
113Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800706 E-SWITCH-N800706 Datasheet
133Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800804 E-SWITCH-N800804 Datasheet
127Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N800812 E-SWITCH-N800812 Datasheet
263Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801003 E-SWITCH-N801003 Datasheet
112Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801104 E-SWITCH-N801104 Datasheet
123Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
N801105 E-SWITCH-N801105 Datasheet
132Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com