Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

N802102 Datasheet (PDF) - E-SWITCH

N802102 Datasheet PDF - E-SWITCH
Part # N802102
Download  N802102 Download
File Size   77.84 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.

N802102 Datasheet (PDF)

Go To PDF Page Download Datasheet
N802102 Datasheet PDF - E-SWITCH

Part # N802102
Download  N802102 Click to download

File Size   77.84 Kbytes
Page   1 Pages
Manufacturer  E-SWITCH [E-SWITCH]
Direct Link  http://www.e-switch.com
Logo E-SWITCH - E-SWITCH
Description DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.

N802102 Datasheet (HTML) - E-SWITCH




Similar Part No. - N802102

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802108 E-SWITCH-N802108 Datasheet
151Kb / 1P
CONTACT RATINGS: 25mA @24VDC. (SWITCH)
More results


Similar Description - N802102

ManufacturerPart #DatasheetDescription
logo
CIT Relay & Switch
MS2205 CIT-MS2205 Datasheet
124Kb / 1P
DPDT Switch Function, 1000Vrms min Dielectric Strength
logo
E-SWITCH
TL1270F160BLQBT E-SWITCH-TL1270F160BLQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQAT E-SWITCH-TL1270F160GYQAT Datasheet
217Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160GYQBT E-SWITCH-TL1270F160GYQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQAT E-SWITCH-TL1270F160REQAT Datasheet
216Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
TL1270F160REQBT E-SWITCH-TL1270F160REQBT Datasheet
223Kb / 1P
DIELECTRIC STRENGTH: 250 VAC FOR ONE MINUTE
logo
List of Unclassifed Man...
231-20 ETC2-231-20 Datasheet
184Kb / 1P
DLELECTRIC WITHSTANDING:500VAC FOR ONE MINUTE.
logo
E-SWITCH
N802104 E-SWITCH-N802104 Datasheet
94Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802106 E-SWITCH-N802106 Datasheet
109Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
N802110 E-SWITCH-N802110 Datasheet
169Kb / 1P
DIELECTRIC STRENGTH: 500VAC MIN FOR 1 MINUTE.
More results




About E-SWITCH


E-Switch is a company that specializes in the design, development, and manufacturing of electromechanical switches. They offer a wide range of switch products including rocker, toggle, pushbutton, slide, rotary, snap action, tact, and keylock switches. These switches are used in a variety of applications such as medical equipment, consumer electronics, telecommunications, and industrial machinery.

E-Switch is known for their innovative designs, high-quality products, and excellent customer service. They have a global presence and serve customers in over 50 countries. In addition to their standard product offerings, E-Switch also provides custom switch solutions to meet specific customer needs.

Overall, E-Switch is a trusted and reliable provider of electromechanical switches, with a strong reputation for quality and customer satisfaction.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com