Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5425YRM Datasheet (PDF) - Analog Devices

AD5425YRM Datasheet PDF - Analog Devices
Part # AD5425YRM
Download  AD5425YRM Download
File Size   618.09 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, High Bandwidth Multiplying DAC with Serial Interface

AD5425YRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5425YRM Datasheet PDF - Analog Devices

Part # AD5425YRM
Download  AD5425YRM Click to download

File Size   618.09 Kbytes
Page   25 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 8-Bit, High Bandwidth Multiplying DAC with Serial Interface

AD5425YRM Datasheet (HTML) - Analog Devices


AD5425YRM Product details

GENERAL DESCRIPTION
The AD54251 is a CMOS, 8-bit, current output digital-to-analog converter (DAC) that operates from a 2.5 V to 5.5 V power supply, making it suitable for battery-powered applications and many other applications.

FEATURES
   2.5 V to 5.5 V supply operation
   50 MHz serial interface
   2.47 MSPS update rate
   INL of ±0.25 LSB
   10 MHz multiplying bandwidth
   ±10 V reference input
   Low glitch energy: <2 nV-s
   Extended temperature range: −40°C to +125°C
   10-lead MSOP package
   Guaranteed monotonic
   4-quadrant multiplication
   Power-on reset with brownout detection
   LDAC function
   0.4 µA typical power consumption

APPLICATIONS
   Portable battery-powered applications
   Waveform generators
   Analog processing
   Instrumentation applications
   Programmable amplifiers and attenuators
   Digitally controlled calibration
   Programmable filters and oscillators
   Composite video
   Ultrasound
   Gain, offset, and voltage trimming




Similar Part No. - AD5425YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5425YRM AD-AD5425YRM Datasheet
417Kb / 20P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV.0
AD5425YRM-REEL AD-AD5425YRM-REEL Datasheet
417Kb / 20P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV.0
AD5425YRM-REEL7 AD-AD5425YRM-REEL7 Datasheet
417Kb / 20P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV.0
AD5425YRMZ AD-AD5425YRMZ Datasheet
487Kb / 24P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
1/16-Rev. C to Rev. D
AD5425YRMZ-REEL AD-AD5425YRMZ-REEL Datasheet
487Kb / 24P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
1/16-Rev. C to Rev. D
More results


Similar Description - AD5425YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5426 AD-AD5426 Datasheet
553Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV.0
AD5425 AD-AD5425 Datasheet
417Kb / 20P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV.0
AD5426 AD-AD5426_13 Datasheet
754Kb / 24P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452W AD-AD5452W Datasheet
500Kb / 24P
12-Bit High Bandwidth Multiplying DAC with Serial Interface
REV. 0
AD5425 AD-AD5425_15 Datasheet
618Kb / 25P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
REV. C
AD5426 AD-AD5426_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5432 AD-AD5432_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5443 AD-AD5443_15 Datasheet
987Kb / 25P
8-/10-/12-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5425 AD-AD5425_16 Datasheet
487Kb / 24P
8-Bit, High Bandwidth Multiplying DAC with Serial Interface
1/16-Rev. C to Rev. D
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com