Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD5444YRM Datasheet (PDF) - Analog Devices

AD5444YRM Datasheet PDF - Analog Devices
Part # AD5444YRM
Download  AD5444YRM Download
File Size   726.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5444YRM Datasheet (PDF)

Go To PDF Page Download Datasheet
AD5444YRM Datasheet PDF - Analog Devices

Part # AD5444YRM
Download  AD5444YRM Click to download

File Size   726.77 Kbytes
Page   28 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface

AD5444YRM Datasheet (HTML) - Analog Devices


AD5444YRM Product details

GENERAL DESCRIPTION
The AD5444/AD54461 are CMOS 12-bit and 14-bit, current output, digital-to-analog converters (DACs). Operating from a single 2.5 V to 5.5 V power supply, these devices are suited for battery-powered and other applications.

FEATURES
   12 MHz multiplying bandwidth
   INL of ± 0.5 LSB at 12 bits
   Pin-compatible 12-/14-bit current output DAC
   2.5 V to 5.5 V supply operation
   10-lead MSOP package
   ±10 V reference input
   50 MHz serial interface
   2.7 MSPS update rate
   Extended temperature range: −40°C to +125°C
   4-quadrant multiplication
   Power-on reset with brownout detection
   0.4 μA typical current consumption
   Guaranteed monotonic
APPLICATIONS
   Portable, battery-powered applications
   Waveform generators
   Analog processing
   Instrumentation applications
   Programmable amplifiers and attenuators
   Digitally controlled calibration
   Programmable filters and oscillators
   Composite video
   Ultrasound
   Gain, offset, and voltage trimming
   Automotive radar




Similar Part No. - AD5444YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5444YRM AD-AD5444YRM Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5444YRMZ AD-AD5444YRMZ Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
AD5444YRMZ-REEL7 AD-AD5444YRMZ-REEL7 Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
More results


Similar Description - AD5444YRM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD5450 AD-AD5450 Datasheet
125Kb / 16P
8/10/12/14-Bit High Bandwidth Multiplying DACs with Serial Interface
AD5444YRM-REEL AD-AD5444YRM-REEL Datasheet
726Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5453YRMZ AD-AD5453YRMZ Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5444 AD-AD5444_15 Datasheet
962Kb / 29P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5446 AD-AD5446_15 Datasheet
962Kb / 29P
12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. E
AD5450 AD-AD5450_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5451 AD-AD5451_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5452 AD-AD5452_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5453 AD-AD5453_15 Datasheet
725Kb / 28P
8-/10-/12-/14-Bit High Bandwidth Multiplying DACs with Serial Interface
Rev. G
AD5444 AD-AD5444 Datasheet
625Kb / 28P
12-/14-Bit High Bandwidth Multiplying DACs
2/16-Rev. E to Rev. F
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com